Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-1616058-7 Datasheet(Hoja de datos) 5 Page - TE Connectivity Ltd

No. de Pieza. 0-1616058-7
Descripción  HARTMAN Power Switching DC Contactors
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo 

   
 5 page
background image
6–104
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
A-703 and AH-703 Series, Rated up to 400 Amps, 28 Vdc (Continued)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
A-703
Gasket/Vented
A
Continuous, Economized
1
1616058-1
A-703CD
Gasket/Vented
C
Intermittent
2
1616058-6
A-703CSM
Gasket/Vented
D
Intermittent
15
0-1616058-7
A-703D
Gasket/Vented
D
Intermittent
3
1616058-8
A-703DBH
Gasket/Vented
D
Intermittent
3
1-1616058-0
A-703E
Gasket/Vented
D
Continuous, Economized
4
1-1616058-1
A-703FA
Gasket/Vented
D
Intermittent w/Supp.
5
1-1616058-2
A-703FB
Gasket/Vented
D
Intermittent
6
1-1616058-3
A-703FSS
Gasket/Vented
D
Intermittent w/Supp.
7
1-1616058-4
A-703G-1
Gasket/Vented
D
Continuous, Economized
8
1-1616058-5
A-703GC
Gasket/Vented
D
Continuous, Economized
19
1-1616058-6
A-703B
Gasket/Vented
E
Intermittent
10
1616058-3
A-703GS
Gasket/Vented
D
Continuous, Economized
11
1-1616058-7
w/Supp.
A-703R
Gasket/Vented
D
Continuous, Economized
12
1-1616058-9
w/Supp.
A-703T
Gasket/Vented
D
Intermittent w/Supp.
13
2-1616058-0
A-703ZS
Gasket/Vented
A
Continuous, Economized
14
2-1616058-2
w/Supp.
AH-703F
Hermetically Sealed
F
Continuous, Economized
16
0-1616061-1
w/Supp.
Circuit Configurations (Consult factory for other available circuit configurations)
Circuit Configuration 13
Circuit Configuration 14
Circuit Configuration 15
Circuit Configuration 16




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl