Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL24513P12SMF Datasheet(PDF) 2 Page - Laird Tech Smart Technology

No. de pieza SL24513P12SMF
Descripción Electrónicos  Coax pigtail length can be modified
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SL24513P12SMF Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SL24513P12SMF Datasheet HTML 1Page - Laird Tech Smart Technology SL24513P12SMF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ANT-DS-SL24513P12SMF 0509
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability, or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to
the Laird Technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request. All Laird Technologies’ products are sold pursuant to the
Laird Technologies’ terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© 2009 All Rights Reserved. Laird Technologies is a registered trademark of Laird Technologies, Inc
Innovative Technology
for a Connected World
SL24513P12SMF
Omni-directional
Ceiling Mount Antenna
PARAMETER
SPECIFICATION
Frequency Range (MHz)
2400-2500, 5150-5350
Gain (dBi)
3 (Peak)
E-Plane 3 dB Beamwidth
120° / 80°
H-Plane 3 dB Beamwidth
Omnidirectional
Polarization
Linear
Weight lbs (kg)
(with 12” cable)
0.15 (68)
VSWR
2.0:1
Mount Style
Ceiling grid
Dimensions in. (cm)
2.2” x 2.2” x 7”
|(5.1 x 5.1 x 1.8)
Enclosure
ABS/PVC
Power (Watts)
10
RF Connector
SMA (f)
Pigtail
12”
E-Plane
H-Plane
ceiling mounted antenna
330º
20
30
0º
270º
60º
30º
300º
90º
240º
210º
180º
150º
120º
10
20
30
10
20
30
30
20
10
10
330º
20
30
0º
270º
60º
30º
300º
90º
240º
210º
180º
150º
120º
10
20
30
10
20
30
30
20
10
10
330º
20
30
0º
270º
60º
30º
300º
90º
240º
210º
180º
150º
120º
10
20
30
10
20
30
30
20
10
10
330º
20
30
0º
270º
60º
30º
300º
90º
240º
210º
180º
150º
120º
10
20
30
10
20
30
30
20
10
10
SL24513P12SM F
330º
0
270
60
30
300
90
240
210
180
150
120
º
º
º
º
º
º
º
º
º
º
º
330º
0
270
60
30
300
90
240
210
180
150
120
º
º
º
º
º
º
º
º
º
º
º
330º
0
270
60
30
300
90
240
210
180
150
120
º
º
º
º
º
º
º
º
º
º
º
330º
0
270
60
30
300
90
240
210
180
150
120
º
º
º
º
º
º
º
º
º
º
º
2450 MHz
5250 MHz
* Pattern data represents a ceiling mounted antenna


Número de pieza similar - SL24513P12SMF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SL245F BILIN-SL245F Datasheet
448Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL245F RFE-SL245F Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
11-07-2022
More results

Descripción similar - SL24513P12SMF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
SL1852P12NF LSTD-SL1852P12NF Datasheet
882Kb / 1P
   Coax pigtail length can be modified
SQ2405DD12NF LSTD-SQ2405DD12NF Datasheet
746Kb / 1P
   Coax pigtail length can be modified
logo
Hammond Manufacturing L...
1411ZU HAMMOND-1411ZU Datasheet
202Kb / 1P
   Enclosures can be Factory Modified
1590BB HAMMOND-1590BB Datasheet
222Kb / 1P
   Enclosures can be Factory Modified
1550E HAMMOND-1550E Datasheet
861Kb / 1P
   Enclosures can be Factory Modified
1590B HAMMOND-1590B Datasheet
230Kb / 1P
   Enclosures can be Factory Modified
1456RK4 HAMMOND-1456RK4 Datasheet
251Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KL3 HAMMOND-1456KL3 Datasheet
228Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KH3 HAMMOND-1456KH3 Datasheet
236Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456FH2 HAMMOND-1456FH2 Datasheet
225Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com