Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA592E6327 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BA592E6327
Descripción Electrónicos  Silicon RF Switching Diode ??For band switching in TV/VTR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592E6327 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BA592E6327 Datasheet HTML 1Page - Infineon Technologies AG BA592E6327 Datasheet HTML 2Page - Infineon Technologies AG BA592E6327 Datasheet HTML 3Page - Infineon Technologies AG BA592E6327 Datasheet HTML 4Page - Infineon Technologies AG BA592E6327 Datasheet HTML 5Page - Infineon Technologies AG BA592E6327 Datasheet HTML 6Page - Infineon Technologies AG BA592E6327 Datasheet HTML 7Page - Infineon Technologies AG BA592E6327 Datasheet HTML 8Page - Infineon Technologies AG BA592E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2011-07-21
1
BA592/BA892...
Silicon RF Switching Diode
• For band switching in TV/VTR tuners
and mobile applications
• Very low forward resistance (typ. 0.45 Ω @ 3 mA)
• Small capacitance
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BA592
BA892/-02L
BA892-02V

Type
Package
Configuration
LS(nH) Marking
BA592
BA892
BA892-02L
BA892-02V
SOD323
SCD80
TSLP-2-1
SC79
single
single
single, leadless
single
1.8
0.6
0.4
0.6
blue S
AA
AA
A
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
35
V
Forward current
IF
100
mA
Junction temperature
TJ
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
TStg
-55 ... 150


Número de pieza similar - BA592E6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BA592 PHILIPS-BA592 Datasheet
64Kb / 8P
   Band-switching diode
1998 May 07
logo
Siemens Semiconductor G...
BA592 SIEMENS-BA592 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BA592 KEXIN-BA592 Datasheet
33Kb / 1P
   Band-switching diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
More results

Descripción similar - BA592E6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BA892-02VE6327 INFINEON-BA892-02VE6327 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
logo
Siemens Semiconductor G...
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
logo
SEMTECH ELECTRONICS LTD...
BA892WT SEMTECH_ELEC-BA892WT_11 Datasheet
486Kb / 3P
   SILICON BAND SWITCHING DIODE
BA892WT SEMTECH_ELEC-BA892WT Datasheet
235Kb / 3P
   SILICON BAND SWITCHING DIODE
logo
Siemens Semiconductor G...
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
BAR65-03W SIEMENS-BAR65-03W Datasheet
19Kb / 3P
   Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-02W SIEMENS-BAR65-02W Datasheet
14Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com