Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR63-04W Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BAR63-04W
Descripción Electrónicos  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-04W Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BAR63-04W Datasheet HTML 2Page - Infineon Technologies AG BAR63-04W Datasheet HTML 3Page - Infineon Technologies AG BAR63-04W Datasheet HTML 4Page - Infineon Technologies AG BAR63-04W Datasheet HTML 5Page - Infineon Technologies AG BAR63-04W Datasheet HTML 6Page - Infineon Technologies AG BAR63-04W Datasheet HTML 7Page - Infineon Technologies AG BAR63-04W Datasheet HTML 8Page - Infineon Technologies AG BAR63-04W Datasheet HTML 9Page - Infineon Technologies AG BAR63-04W Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2011-07-18
6
BAR63...
Permissible Puls Load RthJS = ƒ (tp)
BAR63-04...BAR63-06
t
EHB07146
P
10
-6
10
-5
10
-4
10
-3
10
-2
s10
0
5
T
t P
D =
t P
T
10
0
1
10
2
10
D=
0.5
0.2
0.1
0.05
0.05
0.01
0.005
0
R
thJS
5
5
K/W
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR63-04...BAR63-06
t
EHB07147
P
F
10
-6
10
-5
10
-4
10
-3
10
-2
s10
0
T
t P
D =
t P
T
10
0
D=
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Ι
max
DC
Ι
F
1
10
5
5
10
2
Permissible Puls Load RthJS = ƒ (tp)
BAR63-02V, BAR63-02W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR63-02V, BAR63-02W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Número de pieza similar - BAR63-04W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAR63-04W SIEMENS-BAR63-04W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
Infineon Technologies A...
BAR63-04W INFINEON-BAR63-04W Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-04W INFINEON-BAR63-04W Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-04W INFINEON-BAR63-04W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Descripción similar - BAR63-04W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com