Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC10SATE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT64LC10SATE13
Descripción Electrónicos  1K/2K/4K-Bit SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10SATE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT64LC10SATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT64LC10SATE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Discontinued
Parts
8
CAT64LC10/20/40
Doc. No. 1021, Rev. C
WRITE cycle. The RDY/
BSY pin will output the BUSY
status (LOW) one tSV after the rising edge of the 32nd
clock (the last data bit) and will stay LOW until the write
cycle is complete. Then it will output a logical “1” until the
next WRITE cycle. The RDY/
BSY output is not affected
by the input of
CS.
An alternative to get RDY/
BSY status is from the DO pin.
During a write cycle, asserting a LOW input to the
CS pin
will cause the DO pin to output the RDY/
BSY status.
Bringing
CS HIGH will bring the DO pin back to a high
impedance state again. After the device has completed
a WRITE cycle, the DO pin will output a logical “1” when
the device is deselected. The rising edge of the first “1”
input on the DI pin will reset DO back to the high
impedance state again.
The WRITE operation can be halted anywhere in the
operation by the RESET input. If a RESET pulse occurs
during a WRITE operation, the device will abort the
operation and output a READY status.
NOTE: Data may be corrupted if a RESET occurs while
the device is
BUSY. If the reset occurs before the BUSY
period, no writing will be initiated. However, if RESET
occurs after the
BUSY period, new data will have been
written over the old data.
Figure 6. RESET During
BUSY
BUSY
BUSY
BUSY
BUSY Instruction Timing
Figure 7. EWEN Instruction Timing
5064 FHD F09
* Please check instruction set table for address
SK
DI
CS
DO
RESET
10100100
ADDRESS*
D15
D0
tWR
RDY/
BUSY
SK
DI
CS
DO
RESET
10100011
HIGH-Z
HIGH
RDY/
BUSY


Número de pieza similar - CAT64LC10SATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC10SATE13 CATALYST-CAT64LC10SATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Descripción similar - CAT64LC10SATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com