Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT1503WE6327 Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza BAT1503WE6327
Descripción Electrónicos  Silicon Schottky Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT1503WE6327 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BAT1503WE6327 Datasheet HTML 6Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 7Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 8Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 9Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 10Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 11Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 12Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 13Page - Infineon Technologies AG BAT1503WE6327 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2015-01-27
10
BAT15...
S11-Parameters for BAT15-099
Typical impedance characteristics (with external bias I and Zo = 50
Ω)
f
I = 0.02 mA
I = 0.05 mA
I = 0.1 mA
I = 0.2 mA
I = 0.5 mA
GHz MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
2
3
4
5
6
7
8
9
10
11
12
0.94
0.93
0.92
0.91
0.91
0.91
0.91
0.91
0.91
0.9
0.89
0.88
-16.4
-33.8
-53.8
-74.3
-96.6
-115.4
-131
-143
-155.6
-167.3
175.5
175.5
0.84
0.88
0.86
0.84
0.84
0.84
0.84
0.84
0.83
0.83
0.8
0.76
-16.6
-33.8
-54.5
-75.3
-97.6
-116.7
-132.3
-144.5
-150.2
-169.7
172.6
146.5
0.77
0.77
0.75
0.72
0.72
0.73
0.73
0.73
0.71
0.71
0.7
0.62
-16.4
-34.5
-54.1
-76.4
-99.1
-118.7
-134.1
-146.8
-159.7
-178.8
170
142.8
0.59
0.58
0.58
0.51
0.53
0.53
0.54
0.55
0.53
0.51
0.45
0.39
-17.2
-35.2
-56.1
-78.4
-102.3
-122.9
-138.1
-150.5
-163.9
-175.8
164.9
134.2
0.19
0.15
0.13
0.11
0.15
0.18
0.2
0.81
0.18
0.14
0.09
0.14
-16.7
-36.1
-64.8
-104.8
-135.7
-160.9
-168.8
179.4
179.4
151.2
105.5
43.6
S11 = (f, I) BAT15-099
0
- 250
- 50
EHD07083
- 10
- 25
- 100
+ 10
+ 250
+ 100
+ 25
+ 50
10
25
50
100
250
12
0.05
0.1
0.2
0.5
0.02
f
1 GHz
GHz
5
GHz
8
j
j
j
j
j
j
j
j
j
j
mA
mA
mA
mA
mA
Hz


Número de pieza similar - BAT1503WE6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT1502LSE6433XTMA1 INFINEON-BAT1502LSE6433XTMA1 Datasheet
350Kb / 11P
   Single silicon RF Schottky diode
v2.0 2018-06-30
More results

Descripción similar - BAT1503WE6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com