Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT15-02ELS Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BAT15-02ELS
Descripción Electrónicos  Silicon Schottky Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-02ELS Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT15-02ELS Datasheet HTML 1Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 2Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 3Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 4Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 5Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 6Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 7Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 8Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2015-01-27
2
BAT15...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
4
V
Forward current
IF
110
mA
Total power dissipation
BAT15-02ELS, TS ≤ 73 °C
BAT15-02EL, TS ≤ 76 °C
BAT15-03W, TS ≤ 70 °C
BAT15-04W, TS ≤ 68 °C
BAT15-05W, TS ≤ 65 °C
BAT15-099, TS ≤ 48 °C
BAT15-099R, TS ≤ 67 °C
Ptot
100
100
100
100
100
100
100
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 150
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT15-02ELS
BAT15-02EL
BAT15-03W
BAT15-04W
BAT15-05W
BAT15-099
BAT15-099R
RthJS
≤ 770
≤ 780
≤ 795
≤ 820
≤ 850
≤ 1020
≤ 830
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Número de pieza similar - BAT15-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Low barrier type for DBS mixer applications
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

Descripción similar - BAT15-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com