Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC10VATE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT64LC10VATE13
Descripción Electrónicos  1K/2K/4K-Bit SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10VATE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT64LC10VATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC10VATE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Discontinued
Parts
6
CAT64LC10/20/40
Doc. No. 1021, Rev. C
DEVICE OPERATION
The CAT64LC10/20/40 is a 1K/2K/4K-bit nonvolatile
memory intended for use with all standard controllers.
The CAT64LC10/20/40 is organized in a 64/128/256 x
16 format. All instructions are based on an 8-bit format.
There are four 16-bit instructions: READ, WRITE, EWEN,
and EWDS. The CAT64LC10/20/40 operates on a single
power supply ranging from 2.5V to 6.0V and it has an on-
chip voltage generator to provide the high voltage needed
during a programming operation. Instructions, addresses
and data to be written are clocked into the DI pin on the
rising edge of the SK clock. The DO pin is normally in a
high impedance state except when outputting data in a
READ operation or outputting RDY/
BSY status when
polled during a WRITE operation.
The format for all instructions sent to this device includes
a 4-bit start sequence, 1010, a 4-bit op code and an 8-
bit address field or dummy bits. For a WRITE operation,
Figure 2. Sychronous Data Timing
Figure 3. Read Instruction Timing
* Please check the instruction set table for address
SK
DI
CS
DO
tPD0,tPD1
tCSS
tDIS
tSKHI
tSKLOW
RESET
RDY/
BUSY
tRESS
tRC
tDIH
tCSH
tCSMIN
tHZ
tSV
tSV
tRESH
SK
DI
CS
DO
RESET
10101000
ADDRESS*
D15 D14
D1
D0
HIGH
RDY/
BUSY


Número de pieza similar - CAT64LC10VATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC10VATE13 CATALYST-CAT64LC10VATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Descripción similar - CAT64LC10VATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com