Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS7066SN3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDS7066SN3
Descripción Electrónicos  30V N-Channel PowerTrench SyncFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7066SN3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS7066SN3 Datasheet HTML 1Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 2Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 3Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 4Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 5Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 6Page - Fairchild Semiconductor FDS7066SN3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDS7066SN3 Rev C2 (W)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits
similar characteristics to a discrete external Schottky diode
in parallel with a MOSFET. Figure 12 shows the reverse
recovery characteristic of the FDS7066SN3.
Figure 12. FDS7066SN3 SyncFET body
diode reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse
recovery characteristics of the body diode of an equivalent
size MOSFET produced without SyncFET (FDS7066N3).
Figure 13. Non-SyncFET (FDS7066N3) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase
the power in the device.
0.00001
0.0001
0.001
0.01
0.1
010
20
30
VDS, REVERSE VOLTAGE (V)
TA = 100
oC
TA = 25
oC
TA = 125
oC
Figure 14. SyncFET body diode reverse leakage
versus drain-source voltage and temperature
12.5 nS/div
12.5 nS/div


Número de pieza similar - FDS7066SN3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS7066SN3 FAIRCHILD-FDS7066SN3 Datasheet
188Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

Descripción similar - FDS7066SN3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com