Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMC0J223ZFTP16 Datasheet(PDF) 5 Page - Kemet Corporation

No. de pieza FMC0J223ZFTP16
Descripción Electrónicos  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

FMC0J223ZFTP16 Datasheet(HTML) 5 Page - Kemet Corporation

  FMC0J223ZFTP16 Datasheet HTML 1Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 2Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 3Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 4Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 5Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 6Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 7Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 8Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Specifications – All Types Except FMR
Item
FM 5.5 V Type, 3.5 V Type,
6.5 V Type, FMC Type
FML Type, FME Type
Test Conditions
(conforming to JIS C 5160-1)
CategoryTemperatureRange
−25°Cto+70°C
−25°Cto+70°C
Maximum Operating Voltage
5.5 VDC, 3.5 VDC, 6.5 VDC
5.5 VDC
Capacitance
RefertoTable1
RefertoTable1
Refer to “Measurement Conditions”
CapacitanceAllowance
+80%,−20%
+80%,−20%
Refer to “Measurement Conditions”
ESR
RefertoTable1
RefertoTable1
Measuredat1kHz,10mA;Seealso
“Measurement Conditions”
Current(30minutesvalue)
RefertoTable1
RefertoTable1
Refer to “Measurement Conditions”
Surge
Capacitance
>90%ofinitialratings
>90%ofinitialratings
Surge voltage:
Charge:
Discharge:
Numberofcycles:
Series resistance:
Discharge
resistance:
Temperature:
4.0V(3.5Vtype)
6.3V(5.5Vtype)
7.4V(6.5Vtype)
30 seconds
9 minutes 30 seconds
1,000
0.010 F
1500
Ω
0.022F
560Ω
0.033F
510Ω
0.047F
300Ω
0.068F
240Ω
0.10F
150Ω
0.22F
56Ω
0.33F
51Ω
70±2°C
ESR
≤120%ofinitialratings
≤120%ofinitialratings
Current(30
minutes value)
≤120%ofinitialratings
≤120%ofinitialratings
Appearance
Noobviousabnormality
Noobviousabnormality
Characteristics
in Different
Temperature
Capacitance
Phase
2
≥50%of
initial value
Phase
2
≥50%of
initial value
Conformsto4.17
Phase 1:
Phase 2:
Phase 4:
Phase 5:
Phase 6:
+25±2°C
−25±2°C
+25±2°C
+70±2°C
+25±2°C
ESR
≤400%of
initial value
≤400%orless
than initial value
Capacitance
Phase
3
Phase
3
ESR
Capacitance
Phase
5
≤200%of
initial value
Phase
5
≤200%of
initial value
ESR
Satisfyinitial
ratings
Satisfyinitial
ratings
Current(30
minutes value)
≤1.5CV(mA)
≤1.5CV(mA)
Capacitance
Phase
6
Within±20%of
initial value
Phase
6
Within±20%
of initial value
ESR
Satisfyinitial
ratings
Satisfyinitial
ratings
Current(30
minutes value)
Satisfyinitial
ratings
Satisfyinitial
ratings
Vibration
Resistance
Capacitance
Satisfyinitialratings
Satisfyinitialratings
Conforms to 4.13
Frequency:
Testing Time:
10 to 55 Hz
6 hours
ESR
Current(30
minutes value)
Appearance
Noobviousabnormality
Noobviousabnormality
Solderability
Over3/4oftheterminalshouldbe
coveredbythenewsolder
Over3/4oftheterminalshouldbe
coveredbythenewsolder
Conforms to 4.11
Solder temp:
Dipping time:
+245±5°C
5±0.5seconds
1.6mmfromthebottomshouldbedipped.


Número de pieza similar - FMC0J223ZFTP16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
FMC0J223ZFTP16 KEMET-FMC0J223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Descripción similar - FMC0J223ZFTP16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com