Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM-BGA-9037 Datasheet(PDF) 4 Page - Ironwood Electronics.

No. de pieza SM-BGA-9037
Descripción Electrónicos  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9037 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9037 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9037 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9037 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9037 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9037 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
11
15
10
9
6
5
1
13
2
3
4
16
7
8
12
14
1.61 (x8)
45.225
21.00 (x4)
12.53 (x4)
5.00
10.00
1.27 (x4)
6.35
1.59
backing
plate
insulating
plate
ITEM
NO.
DESCRIPTION
Material
1
SM socket base, 37.5x37.5mm IC
7075-T6 Alumium Alloy
2
Ball guide for 37.5x37.5mm 36x36 1mm pitch BGA
Kapton Polyimide/Cirlex
3
Silmat for 37.5mm, 36x36 1mm pitch BGA1288
Silmat
4
Customer's target PCB for 37.5x37.5mm, 36x36
1mm pitch BGA
FR4 Standard
5
Customer's BGA device 37.5x37.5mm, 36x36 1mm
pitch
FR4 Standard
6
Compression Plate 37.5mm IC
7075-T6 Alumium Alloy
7
Insulation Plate 37.5mm IC
FR4 Standard
8
Backing Plate
7075-T6 Alumium Alloy
9
Ghz Swivel Socket Lid 37.5mm IC
7075-T6 Aluminum Alloy
10
Heatsink compression Screw
7075-T6 Alumium Alloy
11
Screw, M3 x 0.5mm, 22mm lg, Low Head Cap, SS
12
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
13
#0-80 Shoulder Screw, 0.090" thread length
Stainless Steel (303)
14
IC guide for 37.5x37.5mm device
Torlon 4203
15 Fan 40x40x15mm, 12V, 0.368 m3/min, 4 wire PWM;
speed sensor (Tach)
Plastic UL: 94V-0
16
#0-80 X .625 LG, SOC HD CAP SCREW, ALLOY
STL, BLK OXIDE
Alloy Steel
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt, Backing Plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 10/08/2013
Material: N/A
Finish: N/A
Weight: 186.16
SM-BGA-9037 Drawing
SCALE: 1.2:1
SHEET: 4 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9037 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Número de pieza similar - SM-BGA-9037

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9033 IRONWOOD-SM-BGA-9033 Datasheet
521Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9036 IRONWOOD-SM-BGA-9036 Datasheet
465Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Descripción similar - SM-BGA-9037

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com