Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV21WS Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza BAV21WS
Descripción Electrónicos  For surface mounted applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAV21WS Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAV21WS Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV21WS Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV21WS Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
BAV19WS
BAV20WS
BAV21WS
A8
T2
T3
BAV19WS / BAV20WS / BAV21WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-323
UNIT
mm
1.1
0.15
1.4
1.8
2.75
0.8
0.08
1.2
1.4
2.55
max
min
mil
max
min
43
32
5.9
3.1
55
47
70
63
108
100
A
C
D
E
E1
0.4
0.25
16
9.8
b
A1
0.45
0.2
7.9
16
0.2
8
SOD-323 mechanical data
SOD-323 mechanical data
L1
E
E
A
∠ALL ROUND
E1
L1
The recommended mounting pad size
1.4
(55)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
www.yfwdiode.com


Número de pieza similar - BAV21WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
BAV21WS CHENDA-BAV21WS Datasheet
447Kb / 4P
   Silicon Epi taxial Planar Diode
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
Guangdong Kexin Industr...
BAV21WS KEXIN-BAV21WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
logo
Shanghai Leiditech Elec...
BAV21WS LEIDITECH-BAV21WS Datasheet
744Kb / 3P
   Fast Switching Speed Surface Mount Package Ideally Suited For Automatic Insertion
More results

Descripción similar - BAV21WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
   For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
   For surface mounted applications
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
   For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
   For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV100W-SOD123 YFWDIODE-BAV100W-SOD123 Datasheet
476Kb / 3P
   For surface mounted applications
1N4148W-SOD123 YFWDIODE-1N4148W-SOD123 Datasheet
474Kb / 3P
   For surface mounted applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com