Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-BGA680C-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

No. de pieza SS-BGA680C-01
Descripción Electrónicos  Compression plate distributes evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA680C-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-BGA680C-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Non plated Mounting Hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm(x4)
1.25mm±0.13mm(x4)
47.725mm±0.125mm(x4)
22.6125mm(x8)
Ø 0.850mm±0.025mm(x2)
3.6125mm
Socket size
3.6125mm
50.225mm±0.125mm(x4)
2.50mm±0.13mm
2.50mm±0.13mm
Backing plate size
Ø 1.71mm±0.10mm (x8)
20.0725mm
17.5325mm
38.00mm
38.00mm
1.00mm typ.
Ø 0.51mm (x680)
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
DXF DATA WILL BE PROVIDED
Target PCB Recommendations
Total thickness: 2.38mm min.
Plating: Gold or Solder finish
Status: Released
Drawing: E Smolentseva
Scale: 1.25:1
Rev: A
Date: 3/4/10
Modified:
File: SS-BGA680C-01 Dwg
SS-BGA680C-01 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Número de pieza similar - SS-BGA680C-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA680B-01 IRONWOOD-SS-BGA680B-01 Datasheet
224Kb / 5P
   Compression plate distributes forces evenly
More results

Descripción similar - SS-BGA680C-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
SS-BGA676C-01 IRONWOOD-SS-BGA676C-01 Datasheet
154Kb / 4P
   Compression plate distributes evenly
SS-LGA376A-01 IRONWOOD-SS-LGA376A-01 Datasheet
200Kb / 5P
   Compression plate distributes evenly
SS-BGA672B-02 IRONWOOD-SS-BGA672B-02 Datasheet
370Kb / 4P
   Compression plate distributes evenly
SS-BGA772A-01 IRONWOOD-SS-BGA772A-01 Datasheet
287Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
SS-QFN104A-01 IRONWOOD-SS-QFN104A-01 Datasheet
133Kb / 4P
   Compression plate distributes evenly
SS-QFN48J-01 IRONWOOD-SS-QFN48J-01 Datasheet
69Kb / 3P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-LGA324A-M-01 IRONWOOD-SS-LGA324A-M-01 Datasheet
128Kb / 3P
   Compression plate distributes evenly
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com