Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

L-53SG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de Pieza. L-53SG
Descripción  T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

L-53SG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-L53SR-2
Symbol
Parameter
Device
Typ.
Max.
Units Test Conditions
Peak Wavelength
Super Bright Green
Super Bright Red
565
660
nm
IF=20mA
Spectral Line
Halfwidth
Super Bright Green
Super Bright Red
30
20
nm
IF=20mA
Capacitance
Super Bright Green
Super Bright Red
45
95
pF
VF=0V;f=1MHz
Forward Voltage
Super Bright Green
Super Bright Red
2.2
1.85
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at TA=25°C
λpeak
IR
vF
C
∆λ1/2
Absolute Maximum Ratings at TA=25°C
Parameter
Super Bright Green
Super Bright Red
Units
Power dissipation
105
100
mW
DC Forward Current
25
30
mA
Peak Forward Current [1]
150
150
mA
Reverse Voltage
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
Notes:
1.1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
°C
°C
°C


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MV8102SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
MV8140SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
MV8102SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics
MV9100SUPER BRIGHT 10 mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
L7143T-1 3/4 5MM SUPER BRIGH LED LAMPS 1 2 3 4 List of Unclassifed Manufacturers
MV8B01SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
LUR3333HSUPER BRIGHT ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
MV8B11SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
MV8140SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn