Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0533500000 Datasheet(PDF) 10 Page - Weidmuller

No. de pieza 0533500000
Descripción Electrónicos  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEIDMULLER [Weidmuller]
Página de inicio  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0533500000 Datasheet(HTML) 10 Page - Weidmuller

Back Button 0533500000 Datasheet HTML 6Page - Weidmuller 0533500000 Datasheet HTML 7Page - Weidmuller 0533500000 Datasheet HTML 8Page - Weidmuller 0533500000 Datasheet HTML 9Page - Weidmuller 0533500000 Datasheet HTML 10Page - Weidmuller 0533500000 Datasheet HTML 11Page - Weidmuller 0533500000 Datasheet HTML 12Page - Weidmuller 0533500000 Datasheet HTML 13Page - Weidmuller 0533500000 Datasheet HTML 14Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
J.10
J
Twin-wire end ferrules with plastic collar
Weidmüller colour code
Ordering data
packed loose
Type
ø mm2 AWG
L1
L2
D1
S1
S2
A
B
Stripping length Colour
Qty.
Order No.
H0.5/14
0.50
20
14.0
8.0
1.4
0.15 0.3
5.0
3.0
11.0
l
orange
500
9037200000
H0.5/16
0.50
20
16.0 10.0
1.4
0.15 0.3
5.0
3.0
13.0
l
orange
500
9037210000
H0.5/18
0.50
20
18.0 12.0
1.4
0.15 0.3
5.0
3.0
15.0
l
orange
500
9037220000
H0.75/14
0.75
18
14.0
8.0
1.7
0.15 0.3
5.5
3.0
11.0
m
white
500
9037230000
H0.75/16
0.75
18
16.0 10.0
1.7
0.15 0.3
5.5
3.0
13.0
m
white
500
9037240000
H0.75/19S
0.75
18
19.0 12.0
1.4
0.15 0.3
5.5
3.0
21.0
m
white
500
9202820000
H0.75/24
0.75
18
24.0 18.0
1.7
0.15 0.3
5.5
3.0
21.0
m
white
500
9037250000
H1.0/15
1.00
17
15.0
8.0
2.0
0.15 0.3
5.8
3.2
12.0
l
yellow
500
9037260000
H1.0/15S
1.00
17
16.0
8.0
2.2
0.15 0.3
5.8
3.2
12.0
l
yellow
500
9018690000
H1.0/19
1.00
17
19.0 12.0
2.0
0.15 0.3
5.8
3.2
16.0
l
yellow
500
9037270000
H1.0/25
1.00
17
25.0 18.0
2.0
0.15 0.3
5.8
3.2
22.0
l
yellow
500
9037280000
H1.5/16
1.50
16
16.0
8.2
2.2
0.15 0.3
6.5
3.6
11.0
l
red
500
9037290000
H1.5/20
1.50
16
20.0 12.0
2.2
0.15 0.3
6.5
3.6
15.0
l
red
500
9037300000
H1.5/26
1.50
16
26.0 18.0
2.2
0.15 0.3
6.5
3.6
21.0
l
red
100
9037310000
H2.5/19D
2.50
14
19.0 10.0
2.8
0.15 0.4
8.0
4.5
13.0
l
blue
500
9037500000
H2.5/21D
2.50
14
21.0 12.0
2.8
0.15 0.4
8.0
4.5
15.0
l
blue
100
9037510000
H2.5/27D
2.50
14
27.0 18.0
2.8
0.15 0.4
8.0
4.5
21.0
l
blue
100
9037520000
H4.0/22D
4.00
12
22.0 12.0
3.5
0.2
0.5
9.0
5.2
15.0
l
grey
100
9037530000
H4.0/28D
4.00
12
28.0 18.0
3.5
0.2
0.5
9.0
5.2
21.0
l
grey
100
9037540000
H6.0/23
6.00
10
23.0 12.0
4.5
0.2
0.5
11.4
6.2
20.0
l
black
100
9037320000
H6.0/29
6.00
10
29.0 18.0
4.5
0.2
0.5
11.4
6.2
24.0
l
black
100
9037330000
H10.0/24S
10.00
7
24.0 12.0
6.5
0.2
0.5
13.4
7.6
17.0
l
ivory
100
9018860000
H10.0/24
10.00
7
24.0 12.0
5.8
0.2
0.5
13.4
7.6
17.0
l
ivory
100
9037340000
H10.0/30
10.00
7
30.0 18.0
5.8
0.2
0.5
13.4
7.6
23.0
l
ivory
100
9037350000
H10.0/30S
10.00
7
30.0 18.0
6.5
0.2
0.5
13.4
7.6
23.0
l
ivory
100
9018870000
H16.0/29
16.00
6
29.0 16.0
8.3
0.3
0.6
17.2
9.5
20.0
l
green
50
9037360000
H16.0/38
16.00
6
38.0 25.0
8.3
0.3
0.6
17.2
9.5
29.0
l
green
50
9037370000
Weidmüller colour code
Ordering data
in multipack bag
Type
ø mm2 AWG
L1
L2
D1
S1
S2
A
B
Stripping length Colour
Qty.
Order No.
H0.5/14
0.50
20
14.0
8.0
1.4
0.15 0.3
5.0
3.0
11.0
l
orange
500
9004440000
H0.75/14
0.75
18
14.0
8.0
1.7
0.15 0.3
5.5
3.0
11.0
m
white
500
9018510000
H0.75/16
0.75
18
16.0 10.0
1.7
0.15 0.3
5.5
3.0
13.0
m
white
500
9004900000
H1.0/15
1.00
17
15.0
8.0
2.0
0.15 0.3
5.8
3.2
12.0
l
yellow
500
9018530000
H1.0/15S
1.00
17
16.0
8.0
2.2
0.15 0.3
5.8
3.2
12.0
l
yellow
500
9018650000
H1.0/19
1.00
17
19.0 12.0
2.0
0.15 0.3
5.8
3.2
16.0
l
yellow
500
9004910000
H1.5/16
1.50
16
16.0
8.2
2.2
0.15 0.3
6.5
3.6
11.0
l
red
500
9004410000
H1.5/20
1.50
16
20.0 12.0
2.2
0.15 0.3
6.5
3.6
15.0
l
red
500
9004920000
H2.5/19D
2.50
14
19.0 10.0
2.8
0.15 0.4
8.0
4.5
13.0
l
blue
250
9004430000
H2.5/21D
2.50
14
21.0 12.0
2.8
0.15 0.4
8.0
4.5
15.0
l
blue
250
9004740000
H4.0/22D
4.00
12
22.0 12.0
3.5
0.2
0.5
9.0
5.2
15.0
l
grey
100
9004730000
H6.0/23
6.00
10
23.0 12.0
4.5
0.2
0.5
11.4
6.2
20.0
l
black
100
9004930000
H10.0/24
10.00
7
24.0 12.0
5.8
0.2
0.5
13.4
7.6
17.0
l
ivory
100
9004940000
L2
L1
D1
S2
S1
B
A
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 2 No. 0.5 to 2 No. 16 mm2 (2 No. AWG 20 to 2 No. AWG 6)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4


Número de pieza similar - 0533500000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
More results

Descripción similar - 0533500000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com