Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP-QFN-8011 Datasheet(PDF) 5 Page - Ironwood Electronics.

No. de pieza SMP-QFN-8011
Descripción Electrónicos  Low and stable contact resistance for reliable production yield
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8011 Datasheet(HTML) 5 Page - Ironwood Electronics.

  SMP-QFN-8011 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMP protective layer
SMP SM layer
DETAIL L
SCALE 16 : 1
DETAIL M
SCALE 30 : 1
DETAIL N
SCALE 16 : 1
DETAIL P
SCALE 20 : 1
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SMP/SM interposer detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/7/2015
Material: N/A
Finish: N/A
Weight: 18.10
SMP-QFN-8011 Drawing
SCALE: 4:1
SHEET: 5 OF 6
ENG: S. Huang
FILE: SMP-QFN-8011 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Número de pieza similar - SMP-QFN-8011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SMP-QFN-8010 IRONWOOD-SMP-QFN-8010 Datasheet
777Kb / 9P
   Highly compliant to accommodate wide co-planarity variations
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8013 IRONWOOD-SMP-QFN-8013 Datasheet
649Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Descripción similar - SMP-QFN-8011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com