Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018859 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0622018859
Descripción Electrónicos  Impact 100 Ohm 3 Pair Mezzanine Receptacle, Unguided, 22.00mm Stack Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018859 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018859 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018859 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Electrical Model Document
EE-170415-029, EE-170415-221
Packaging Specification
PK-70873-0051
S-Parameter Model
SP-170415-029, SP-170415-181, SP-170415-221
Sales Drawing
SD-170415-001
This document was generated on 03/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622018859

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018859 MOLEX11-0622018859 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
0622018859 MOLEX11-0622018859 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, Unguided, 22.00mm Stack Height
0622018859 MOLEX1-0622018859 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
More results

Descripción similar - 0622018859

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1704151622 MOLEX11-1704151622 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, Unguided, 22.00mm Stack Height
1704153122 MOLEX1-1704153122_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, Right Guided, 22.00mm Stack Height
0765301026 MOLEX11-0765301026 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 28mm Stack Height, Unguided
0765301032 MOLEX11-0765301032 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301037 MOLEX1-0765301037_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301040 MOLEX11-0765301040 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 40mm Stack Height, Unguided
0765301020 MOLEX11-0765301020 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 28mm Stack Height, Unguided
0765301020 MOLEX1-0765301020_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 28mm Stack Height, Unguided
0765301047 MOLEX1-0765301047_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 40mm Stack Height, Unguided
0765301032 MOLEX1-0765301032_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com