Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS114S06IPBSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS114S06IPBSR
Descripción Electrónicos  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06IPBSR Datasheet(HTML) 1 Page - Texas Instruments

  ADS114S06IPBSR Datasheet HTML 1Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 2Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 3Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 4Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 5Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 6Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 7Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 8Page - Texas Instruments ADS114S06IPBSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
PGA
Input
Mux
Serial
Interface
and
Control
CS
DOUT/DRDY
SCLK
DRDY
START/SYNC
4.096-MHz
Oscillator
CLK
REFOUT
Reference
Detection
PGA Rail
Detection
AINCOM
AIN0
AIN1
/ GPIO1
Power Supplies
Temperature
Sensor
ADS114S06
ADS114S08
DVDD
DGND
AIN2
AIN3
AIN4
AIN5
/ REFP1
/ REFN1
/ GPIO0
Excitation
Current
Sources
RESET
DIN
REFP0
REFCOM
/ GPIO3
/ GPIO2
AVSS
VBIAS
AVDD
Reference
Buffers
Reference
Mux
2.5-V
Reference
REFN0
ADS114S08
Only
Burnout
Detect
Burnout
Detect
16-Bit û
ADC
Configurable
Digital
Filter
AVSS-SW
DVDD
IOVDD
System-, Self-
Calibration
AIN9
AIN6
AIN7
AIN8
AIN11
AIN10
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
ADS114S06, ADS114S08
SBAS815 – FEBRUARY 2017
ADS114S0x Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel,
4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
1
1 Features
1
Low Power Consumption: As Low as 280 µA
Programmable Gain: 1 to 128
Programmable Data Rates: 2.5 SPS to 4 kSPS
Simultaneous 50-Hz and 60-Hz Rejection at
≤ 20 SPS with Low-Latency Digital Filter
Analog Multiplexer with 12 (ADS114S08) or 6
(ADS114S06) Independently Selectable Inputs
Dual-Matched Programmable Current Sources for
Sensor Excitation: 10 µA to 2000 µA
Internal Reference: 2.5 V, 10 ppm/°C (max) Drift
Internal Oscillator: 4.096 MHz, 1.5% Accuracy
Internal Temperature Sensor
Extended Fault Detection Circuits
Self Offset and System Calibration
Four General-Purpose I/Os
SPI-Compatible Interface with Optional CRC
Analog Supply: Unipolar (2.7 V to 5.25 V) or
Bipolar (±2.5 V)
Digital Supply: 2.7 V to 3.6 V
Operating Temperature: –50°C to +125°C
2 Applications
Sensor Transducers and Transmitters:
Temperature, Pressure, Strain, Flow
PLC and DCS Analog Input Modules
Temperature Controllers
Climate Chambers, Industrial Ovens
3 Description
The ADS114S06 and ADS114S08 are precision, 16-
bit, delta-sigma (ΔΣ), analog-to-digital converters
(ADCs) that offer low power consumption and many
integrated features to reduce system cost and
component count in applications measuring small-
signal sensors.
These ADCs feature configurable digital filters that
offer low-latency conversion results and 50-Hz or
60-Hz rejection for noisy industrial environments. A
low-noise,
programmable
gain
amplifier
(PGA)
provides gains ranging from 1 to 128 to amplify low-
level signals for resistive bridge or thermocouple
applications. Additionally, these devices integrate a
low-drift, 2.5-V reference that reduces printed circuit
board
(PCB)
area.
Finally,
two
programmable
excitation current sources (IDACs) allow for easy and
accurate RTD biasing.
An input multiplexer supports 12 inputs for the
ADS114S08 and six inputs for the ADS114S06 that
can be connected to the ADC in any combination for
design flexibility. In addition, these devices include
features such as sensor burn-out detection, voltage
bias for thermocouples, system monitoring, and four
general-purpose I/Os.
The devices are offered in a leadless VQFN-32 or a
TQFP-32 package.
Device Information
ORDER NUMBER
PACKAGE (PIN)
BODY SIZE
ADS114S0x
TQFP (32)
5.0 mm × 5.0 mm
VQFN (32)
5.0 mm × 5.0 mm
Functional Block Diagram


Número de pieza similar - ADS114S06IPBSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBS TI1-ADS114S06BIPBS Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBSR TI1-ADS114S06BIPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBR TI1-ADS114S06BIRHBR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBT TI1-ADS114S06BIRHBT Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
More results

Descripción similar - ADS114S06IPBSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com