Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUC831 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADUC831
Descripción Electrónicos  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUC831 Datasheet(HTML) 4 Page - Analog Devices

  ADUC831 Datasheet HTML 1Page - Analog Devices ADUC831 Datasheet HTML 2Page - Analog Devices ADUC831 Datasheet HTML 3Page - Analog Devices ADUC831 Datasheet HTML 4Page - Analog Devices ADUC831 Datasheet HTML 5Page - Analog Devices ADUC831 Datasheet HTML 6Page - Analog Devices ADUC831 Datasheet HTML 7Page - Analog Devices ADUC831 Datasheet HTML 8Page - Analog Devices ADUC831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
REV. 0
–4–
ADuC831
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
DAC CHANNEL SPECIFICATIONS
12, 13
Internal Buffer Disabled
DC ACCURACY
10
Resolution
12
12
Bits
Relative Accuracy
±3
±3LSB typ
Differential Nonlinearity
11
–1
–1
LSB max
Guaranteed 12-bit Monotonic
±1/2
±1/2
LSB typ
Offset Error
±5
±5
mV max
VREF Range
Gain Error
–0.3
–0.3
% typ
VREF Range
Gain Error Mismatch
4
0.5
0.5
% max
% of Full-Scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
0 to VREF
V typ
DAC VREF = 2.5 V
REFERENCE INPUT/OUTPUT
REFERENCE OUTPUT
14
Output Voltage (VREF)
2.5
2.5
V
Accuracy
±2.5
±2.5
% max
Of VREF Measured at the CREF Pin
Power Supply Rejection
47
57
dB typ
Reference Temperature Coefficient
±100
±100
ppm/
∞C typ
Internal VREF Power-On Time
80
80
ms typ
EXTERNAL REFERENCE INPUT
15
Voltage Range (VREF)
4
0.1
0.1
V min
VREF and CREF Pins Shorted
VDD
VDD
V max
Input Impedance
20
20
k
W typ
Input Leakage
1
1
mA max
Internal Band Gap Deselected via
ADCCON1.6
POWER SUPPLY MONITOR (PSM)
DVDD Trip Point Selection Range
2.63
V min
Four Trip Points Selectable in
4.37
V max
This Range Programmed via
TPD1–0 in PSMCON
DVDD Power Supply Trip Point Accuracy
±3.5
% max
WATCHDOG TIMER (WDT)
4
Time-out Period
0
0
ms min
Nine Time-out Periods
2000
2000
ms max
Selectable in This Range
FLASH/EE MEMORY RELIABILITY
CHARACTERISTICS
16
Endurance
17
100,000
100,000
Cycles min
Data Retention
18
100
100
Years min
DIGITAL INPUTS
Input High Voltage (VINH)
4
2.4
2
V min
Input Low Voltage (VINL)
4
0.8
0.4
V max
Input Leakage Current (Port 0,
EA)
±10
±10
mA max
VIN = 0 V or VDD
±1
±1
mA typ
VIN = 0 V or VDD
Logic 1 Input Current
(All Digital Inputs)
±10
±10
mA max
VIN = VDD
±1
±1
mA typ
VIN = VDD
Logic 0 Input Current (Port 1, 2, 3)
–75
–25
mA max
–40
–15
mA typ
VIL = 450 mV
Logic 1-0 Transition Current (Port 2, 3)
–660
–250
mA max
VIL = 2 V
–400
–140
mA typ
VIL = 2 V
SPECIFICATIONS (continued)


Número de pieza similar - ADUC831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results

Descripción similar - ADUC831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com