Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI8487DB Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SI8487DB Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 11 page Si8487DB www.vishay.com Vishay Siliconix S15-1692-Rev. E, 20-Jul-15 2 Document Number: 63483 For technical questions, contact: pmostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Pulse test; pulse width 300 μs, duty cycle 2 %. b. Guaranteed by design, not subject to production testing. c. Surface mounted on 1" x 1" FR4 board with full copper, t = 5 s. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TJ = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = -250 μA -30 - - V VDS Temperature Coefficient V DS/TJ ID = -250 μA --21 - mV/°C VGS(th) Temperature Coefficient V GS(th)/TJ -3.3 - Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = -250 μA -0.6 - -1.2 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 12 V - - ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = -30 V, VGS = 0 V - - -1 μA VDS = -30 V, VGS = 0 V, TJ = 70 °C - - -10 On-State Drain Current a ID(on) VDS -5 V, VGS = -4.5 V -5 - - A Drain-Source On-State Resistance a RDS(on) VGS = -10 V, ID = -2 A - 0.025 0.031 VGS = -4.5 V, ID = -2 A - 0.028 0.035 VGS = -2.5 V, ID = -1 A - 0.036 0.045 Forward Transconductance a gfs VDS = -10 V, ID = -2 A - 16 - S Dynamic b Input Capacitance Ciss VDS = -15 V, VGS = 0 V, f = 1 MHz - 2240 4480 pF Output Capacitance Coss - 200 400 Reverse Transfer Capacitance Crss - 165 330 Total Gate Charge Qg VDS = -15 V, VGS = -10 V, ID = -2 A - 52 80 nC VDS = -15 V, VGS = -4.5 V, ID = -2 A -25 40 Gate-Source Charge Qgs -4.1 - Gate-Drain Charge Qgd -5.7 - Gate Resistance Rg VGS = -0.1 V, f = 1 MHz - 15 30 Turn-On Delay Time td(on) VDD = -15 V, RL = 15 ID -2 A, VGEN = -4.5 V, Rg = 1 -25 50 ns Rise Time tr -22 45 Turn-Off Delay Time td(off) - 195 390 Fall Time tf -60 120 Turn-On Delay Time td(on) VDD = -15 V, RL = 15 ID -2 A, VGEN = -10 V, Rg = 1 -7 15 Rise Time tr -10 20 Turn-Off Delay Time td(off) - 290 580 Fall Time tf -60 120 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode IS TA = 25 °C - - -2.3 c A Pulse Diode Forward Current ISM -- -25 Body Diode Voltage VSD IS = -2 A, VGS = 0 V - -0.75 -1.2 V Body Diode Reverse Recovery Time trr IF = -2 A, dI/dt = 100 A/μs, TJ = 25 °C - 86 170 ns Body Diode Reverse Recovery Charge Qrr - 85 170 nC Reverse Recovery Fall Time ta -23- ns Reverse Recovery Rise Time tb -63- |
Número de pieza similar - SI8487DB |
|
Descripción similar - SI8487DB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |