Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA17812T Datasheet(PDF) 3 Page - Rohm

No. de pieza BA17812T
Descripción Electrónicos  Standard 78 series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA17812T Datasheet(HTML) 3 Page - Rohm

  BA17812T Datasheet HTML 1Page - Rohm BA17812T Datasheet HTML 2Page - Rohm BA17812T Datasheet HTML 3Page - Rohm BA17812T Datasheet HTML 4Page - Rohm BA17812T Datasheet HTML 5Page - Rohm BA17812T Datasheet HTML 6Page - Rohm BA17812T Datasheet HTML 7Page - Rohm BA17812T Datasheet HTML 8Page - Rohm BA17812T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BA178!!T / FP series
Regulator ICs
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
11.5
26
V
−−
1A
VIN
IO
BA17809T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
12.5
25
V
−−
1A
VIN
IO
BA17810T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
15
27
V
−−
1A
VIN
IO
BA17812T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
17.5
30
V
−−
1A
VIN
IO
BA17815T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
21
33
V
−−
1A
VIN
IO
BA17818T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
23
33
V
−−
1A
VIN
IO
BA17820T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
VIN
27
33
V
IO
−−
1A
BA17824T / FP
"
"
"
"
Electrical characteristics
<BA17805T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=10V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Output voltage 1
VO1
4.8
5.0
5.2
V
IO=500mA
Output voltage 2
VO2
4.75
5.25
V
Input stability 1
Reg.I1
3
100
mV
Input stability 2
Reg.I2
150
mV
Ripple rejection ratio
R.R.
62
78
dB
Load regulation 1
Reg.L1
15
100
mV
IO=5mA
∼1A
Load regulation 2
Reg.L2
550
mV
IO=250
∼750mA
Temperature coefficient of output voltage
TCVO
−−1.0
mV/˚C
Output noise voltage
Vn
40
−µV
f=10Hz
∼100kHz
Minimum I/O voltage differential
Vd
2.0
VIO=1A
Bias current
Ib
4.5
8.0
mA
IO=0mA
Bias current change 1
Ib1
−−
0.5
mA
Bias current change 2
Ib2
−−
0.8
mA
Peak output current
IO-P
1.7
ATj=25˚C
Output short-circuit current
IOS
0.6
AVIN=25V
VIN=7.5
∼20V, IO=5mA∼1A
VIN=7
∼25V, IO=500mA
VIN=8
∼12V, IO=500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, Tj =0
∼125˚C
VIN=8
∼25V
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
IO=5mA
∼1A


Número de pieza similar - BA17812T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA17812T ROHM-BA17812T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results

Descripción similar - BA17812T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com