Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0.3PSI-D-HGRADE-MV Datasheet(PDF) 4 Page - All Sensors Corporation

No. de pieza 0.3PSI-D-HGRADE-MV
Descripción Electrónicos  Millivolt Output Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASC [All Sensors Corporation]
Página de inicio  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-HGRADE-MV Datasheet(HTML) 4 Page - All Sensors Corporation

  0.3PSI-D-HGRADE-MV Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-HGRADE-MV Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-HGRADE-MV Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-HGRADE-MV Datasheet HTML 4Page - All Sensors Corporation 0.3PSI-D-HGRADE-MV Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Millivolt H-Grade Pressure Sensors
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±500
0.5
±1
Units
PSIA
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero absolute pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
99
--
--
--
--
Nominal
100.0
100
--
--
0.25
--
Maximum
--
101
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
89
--
--
--
--
Nominal
150.0
90
--
--
0.25
--
Maximum
--
91
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 15 PSI-A-HGRADE-MV
Performance Characteristics for 100 PSI-D-HGRADE-MV
Performance Characteristics for 150 PSI-D-HGRADE-MV
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±500
0.5
±1
Units
PSIA
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero absolute pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 30 PSI-A-HGRADE-MV


Número de pieza similar - 0.3PSI-D-HGRADE-MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
0.3PSI-D-HGRADE-MV ASC-0.3PSI-D-HGRADE-MV Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
More results

Descripción similar - 0.3PSI-D-HGRADE-MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-0094 ASC-DS-0094 Datasheet
46Kb / 4P
   Millivolt Output Pressure Sensors
DS-0048 ASC-DS-0048 Datasheet
43Kb / 2P
   Millivolt Output Pressure Sensors
DS-0096 ASC-DS-0096 Datasheet
238Kb / 5P
   Millivolt Output Pressure Sensors
DS-0095 ASC-DS-0095 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
DS-0090 ASC-DS-0090 Datasheet
98Kb / 4P
   Millivolt Output Prime Pressure Sensors
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
   Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com