Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-015G-LP Datasheet(PDF) 2 Page - All Sensors Corporation

No. de pieza CSM-015G-LP
Descripción Electrónicos  Surface Mount Basic Pressure Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASC [All Sensors Corporation]
Página de inicio  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CSM-015G-LP Datasheet(HTML) 2 Page - All Sensors Corporation

  CSM-015G-LP Datasheet HTML 1Page - All Sensors Corporation CSM-015G-LP Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS-0165 Rev C
Specification Notes
note
1: All pArAmeters Are meAsured At 3.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless otherwise specified. pressure meAsurements Are with
positive pressure to the single port configurAtion
.
note
2: shift is relAtive to 25°c.
note
3: shift is within the first yeAr of operAtion.
note
4: meAsured At one-hAlf full scAle rAted pressure using best strAight line curve fit.
note
5: the spAn is the AlgebrAic difference between full scAle output voltAge And the offset voltAge.
note
6: pArAmeter is chArActerized And not 100% tested. minimum And mAximum vAlues indicAted As A design reference.
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit described
herein, neither does it convey any license under its patent rights nor the rights of others.
Supply Voltage VS
Lead Temperature
(soldering 2-4 sec.)
6 Vdc
270°C
Pressure Sensor Characteristics Maximum Ratings
Temperature Ranges
Operating
Storage
Humidity Limits
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Minimum
Parameter (1)
Offset Voltage
Temperature Effect on Offset (2)
Temperature Effect on Resistance (2,6)
Temperature Effect on Span (2,6)
Linearity error (4,6)
Hysteresis error (6)
Position Sensitivity (BST-L10G-xx) (6)
Input Resistance (6)
Output Resistance (6)
Long term stability of span (3)
Nominal
±1.0
±3
2600
-2200
±0.2
±0.01
±0.01
3.3
3.3
0.1
Maximum
±5.0
--
3300
-2700
±0.5
±0.05
±0.03
4.0
4.0
--
Units
mv
uV/V/°C
ppm/°C
ppm/°C
% FSS
% FSS
% FSS
kohms
kohms
% FSS
Common Performance Characteristic
--
--
2300
-1700
--
--
--
2.7
2.7
--
Standard Pressure Ranges
Operating Pressure
0 - 5 inH2O
0 - 10 inH2O
0 - 1 PSI
0 - 5 PSI
0 - 15 PSI
0 - 15 PSIA
0 - 30 PSI
0 - 100 PSI
Ported
Part Number
CSM-L05G-LP
CSM-L10G-LP
CSM-001G-LP
CSM-005G-LP
CSM-015G-LP
CSM-015A-LP
CSM-030G-LP
CSM-100G-LP
Non-ported
Part Number
CSM-L05G-LF
CSM-L10G-LF
CSM-001G-LF
CSM-005G-LF
CSM-015G-LF
CSM-015A-LF
CSM-030G-LF
CSM-100G-LF
Nominal
8.40
1.65
22.8
12.0
4.40
4.40
2.30
0.96
Units
mV/inH2O
mV/inH2O
mV/PSI
mV/PSI
mV/PSI
mV/PSI
mV/PSI
mV/PSI
Proof Pressure
3 PSI
3 PSI
5 PSI
15 PSI
45 PSI
30 PSI
100 PSI
200 PSI
Std Dev.
±1.10
±0.19
±2.60
±1.50
±0.58
±0.58
±0.30
±0.13
Sensitivity (1)


Número de pieza similar - CSM-015G-LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
CSM-015G-LP ASC-CSM-015G-LP Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
CSM-015G-LP ASC-CSM-015G-LP Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
CSM-015G-LP ASC-CSM-015G-LP Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results

Descripción similar - CSM-015G-LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
CSM-001G-LP ASC-CSM-001G-LP Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com