Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLH-L05D Datasheet(PDF) 3 Page - All Sensors Corporation |
|
DLH-L05D Datasheet(HTML) 3 Page - All Sensors Corporation |
3 / 16 page All Sensors DS-0355 Rev A Page 3 Specification Notes note 1: the spAn is the AlGeBrAic difference Between full scAle decimAl counts And the offset decimAl counts. note 2: totAl error BAnd consists of offset And spAn temperAture And cAliBrAtion errors, lineAritY And pressure hYsteresis errors, offset wArm-up shift, offset position sensitiVitY And lonG term offset drift errors. note 3: shift is relAtiVe to 25c. note 4: shift is within the first hour of excitAtion Applied to the deVice. note 5: pArAmeter is chArActeriZed And not 100% tested. note 6: meAsured At one-hAlf full scAle rAted pressure usinG Best strAiGht line curVe fit. note 7: dAtA updAte time is exclusiVe of communicAtions, from commAnd receiVed to end of BusY stAtus. this cAn Be oBserVed As eoc pin low- stAte durAtion. note 8: AVerAGe current cAn Be estimAted As : iccIdle + (tDU / reAdinG interVAl) * iccActiVe). REFER TO FIGURE 2 FOR ACTIVE AND IDLE CONDITIONS OF THE SENSOR (THE ACTIVE STATE IS WHILE EOC PIN IS LOW). note 9: THE SENSOR IS CALIBRATED WITH A 3.3V SUPPLY HOWEVER, AN INTERNAL REGULATOR ALLOWS A SUPPLY VOLTAGE OF 1.68V TO 3.6V TO BE USED WITHOUT AFFECTING THE OVERALL SPECIFICATIONS. THIS ALLOWS DIRECT OPERATION FROM A BATTERY SUPPLY. Parameter Symbol Min Typ Max Units Notes Input High Level - 80.0 - 100 % of Vs 5 Input Low Level - 0 - 20.0 % of Vs 5 Output Low Level - - - 10.0 % of Vs 5 I2C Pull-up Resistor - 1000 - - Ω 5 I2C Load Capacitance on SDA, @ 400 kHz CSDA - - 200 pF 5 I2C Input Capacitance (each pin) CI2C_IN - - 10.0 pF 5 I2C Address 41 decimal I2C / SPI Electrical Parameters for DLH Series Pressure Output Transfer Function Temperature Output Transfer Function ������������������2���������������� 2�� ������������ Where: ������� Is the sensor 24‐bit digital output. ����� Is the specified digital offset For Gage Operating Range sensors: 0.1 * 224 For Differential Operating Range sensors: 0.5 * 224 ���������� The sensor Full Scale Span in inches H2O For Gage Operating Range sensors: Full Scale Pressure For Differential Operating Range sensors: 2 x Full Scale Pressure. �����������������������∗125 2�� ���� Where: ������� The sensor 24‐bit digital temperature output. (Note that only the upper 16 bits are significant) |
Número de pieza similar - DLH-L05D |
|
Descripción similar - DLH-L05D |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |