Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLVR-L01G Datasheet(PDF) 10 Page - All Sensors Corporation

No. de pieza DLVR-L01G
Descripción Electrónicos  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASC [All Sensors Corporation]
Página de inicio  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L01G Datasheet(HTML) 10 Page - All Sensors Corporation

Back Button DLVR-L01G Datasheet HTML 6Page - All Sensors Corporation DLVR-L01G Datasheet HTML 7Page - All Sensors Corporation DLVR-L01G Datasheet HTML 8Page - All Sensors Corporation DLVR-L01G Datasheet HTML 9Page - All Sensors Corporation DLVR-L01G Datasheet HTML 10Page - All Sensors Corporation DLVR-L01G Datasheet HTML 11Page - All Sensors Corporation DLVR-L01G Datasheet HTML 12Page - All Sensors Corporation DLVR-L01G Datasheet HTML 13Page - All Sensors Corporation DLVR-L01G Datasheet HTML 14Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPI Interface
SPI Command Sequence
DLVR sensors using the SPI interface option provide 3 signals for communication: SCLK, SS (Slave Select), and MISO.
This read-only signaling uses a hardware protocol to control the sensor, differing slightly with the speed/power option
selected as described below:
Fast(F), Noise Reduced(N) and Low-Power(L) Configurations: After power-up, the part enters Free Running
mode and begins its periodic conversion cycle, at the interval determined by the programmed Power/Speed
option. This is the simplest configuration. The only bus interaction with the host is the SPI DataRead opera-
tions. Polling the sensor at a rate slower than the internal update rate will minimize bus activity and ensure
that new values are presented with each transfer. Note that the Status bits should still be checked to verify
updated data and the absence of error conditions.
Sleep(S) Configuration: As with the I2C option, the part enters Triggered mode after power-up, and waits for
a command from the bus master. To wake the part and start a measurement cycle, the SS pin must be driven
low by the host for at least 8usec, then driven high. This can be done by shifting a dummy byte of 8 bits from
the sensor. This bus activity can be considered the SPI StartAll command, where the rising edge of SS is the
required input to start conversion. Updated conversion data is written to the output registers after a period
dependent on configuration options ( see Performance Characteristics). After this update of the registers, the
core goes to an inactive (sleep) state. The DataRead command simply consists of shifting out 2, 3, or 4 bytes
of data from the sensor. The host can check the Status bits of the output to verify that new data has been
provided. The part remains inactive following this read operation, and another StartAll operation is needed to
wake the part when the next conversion is to be performed.
SPI Bit Pattern
The sequence of bits and bus signals are shown in the following illustration (Figure 4). Refer to Figure 5 in the Interface
Timing Diagram section for detailed timing data. As previously described, the incoming data may be terminated by rais-
ing SS after 2, 3, or 4 bytes have been received as illustrated below.
Figure 4 - SPI Bit Pattern
Page 10


Número de pieza similar - DLVR-L01G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
DLVR-L01G ASC-DLVR-L01G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Descripción similar - DLVR-L01G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com