Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0.3PSI-D-HGRADE-MINI Datasheet(Hoja de datos) 4 Page - All Sensors Corporation

No. de Pieza. 0.3PSI-D-HGRADE-MINI
Descripción  Miniature Pressure Sensors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ASC [All Sensors Corporation]
Página de inicio  https://www.allsensors.com/
Logo 

   
 4 page
background image
Miniature H-grade Pressure Sensors
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Specification Notes
note
1: All pArAmeters Are meAsured At 12.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless
otherwise specified
. pressure meAsurements Are with positive pressure Applied to port B.
note
2: shift is relAtive to 25°c.
note
3: shift is within the first hour of excitAtion Applied to the device.
note
4: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
5: the voltAge Added to the offset voltAge At full scAle pressure.
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or
circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
99.0
--
--
--
--
Nominal
100.0
100.0
--
--
0.25
--
Maximum
--
101.0
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less
than 100 useconds.
Performance Characteristics for 15 PSI-A-HGRADE-MINI
Performance Characteristics for 30 PSI-G-HGRADE-MINI
Performance Characteristics for 100 PSI-G-HGRADE-MINI
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 30 PSI-A-HGRADE-MINI




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl