Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ22A Datasheet(PDF) 3 Page - StarHope

No. de pieza SMAJ22A
Descripción Electrónicos  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ22A Datasheet(HTML) 3 Page - StarHope

  SMAJ22A Datasheet HTML 1Page - StarHope SMAJ22A Datasheet HTML 2Page - StarHope SMAJ22A Datasheet HTML 3Page - StarHope SMAJ22A Datasheet HTML 4Page - StarHope SMAJ22A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 5
SMAJ30A
SMAJ33A
SMAJ36A
SMAJ40A
SMAJ43A
SMAJ45A
SMAJ48A
SMAJ51A
SMAJ54A
SMAJ58A
SMAJ60A
SMAJ64A
SMAJ70A
SMAJ75A
SMAJ78A
SMAJ85A
SMAJ90A
SMAJ100A
SMAJ110A
SMAJ120A
SMAJ130A
SMAJ150A
SMAJ160A
SMAJ170A
SMAJ180A
SMAJ200A
SMAJ220A
SMAJ250A
SMAJ300A
SMAJ350A
SMAJ400A
SMAJ440A
SMAJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
CK
CM
CP
CR
CT
CV
CX
CZ
RE
RG
RK
RM
RP
RR
RT
RV
RX
RZ
SE
SG
SK
SM
SP
SR
ST
SV
SX
SZ
TE
TG
TK
TM
30.0
33.0
36.0
40.0
43.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
75.0
78.0
85.0
90.0
100.0
110.0
120.0
130.0
150.0
160.0
170.0
180.0
200.0
220.0
250.0
300.0
350.0
400.0
440.0
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
94.40
100.00
111.00
122.00
133.00
144.00
167.00
178.00
189.00
201.00
224.00
246.00
279.00
335.00
391.00
447.00
492.00
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
104.00
111.00
123.00
135.00
147.00
159.00
185.00
197.00
209.00
222.00
247.00
272.00
309.00
371.00
432.00
494.00
543.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
137.0
146.0
162.0
177.0
193.0
209.0
243.0
259.0
275.0
292.0
324.0
356.0
405.0
486.0
567.0
648.0
713.0
8.3
7.5
6.9
6.2
5.8
5.5
5.2
4.9
4.6
4.3
4.1
3.9
3.5
3.3
3.2
2.9
2.7
2.5
2.3
2.1
1.9
1.6
1.5
1.5
1.4
1.2
1.1
1.0
0.8
0.7
0.6
0.6
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
SMAJ30CA
SMAJ33CA
SMAJ36CA
SMAJ40CA
SMAJ43CA
SMAJ45CA
SMAJ48CA
SMAJ51CA
SMAJ54CA
SMAJ58CA
SMAJ60CA
SMAJ64CA
SMAJ70CA
SMAJ75CA
SMAJ78CA
SMAJ85CA
SMAJ90CA
SMAJ100CA
SMAJ110CA
SMAJ120CA
SMAJ130CA
SMAJ150CA
SMAJ160CA
SMAJ170CA
SMAJ180CA
SMAJ200CA
SMAJ220CA
SMAJ250CA
SMAJ300CA
SMAJ350CA
SMAJ400CA
SMAJ440CA
YK
YM
YP
YR
YT
YV
YX
YZ
ZE
ZG
ZK
ZM
ZP
ZR
ZT
ZV
ZX
ZZ
VE
VG
VK
VM
VP
VR
VT
VV
VX
VZ
UE
UG
UK
UM
*
SMAJ(400W) Series
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
*
*
*
*
REV 2016 08 10
μ


Número de pieza similar - SMAJ22A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMAJ22A JGD-SMAJ22A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ22A SOCAY-SMAJ22A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SAMYANG ELECTRONICS CO....
SMAJ22A SAMYANG-SMAJ22A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ22A LITTELFUSE-SMAJ22A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ22A HDSEMI-SMAJ22A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
More results

Descripción similar - SMAJ22A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com