Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSA15U Datasheet(PDF) 5 Page - StarHope

No. de pieza TSA15U
Descripción Electrónicos  TSA(240W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSA15U Datasheet(HTML) 5 Page - StarHope

  TSA15U Datasheet HTML 1Page - StarHope TSA15U Datasheet HTML 2Page - StarHope TSA15U Datasheet HTML 3Page - StarHope TSA15U Datasheet HTML 4Page - StarHope TSA15U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPSEMI
TSA(240W) Series
Packing Options And Reel Specification-SOD-123FL
0.157
(4.0)
0.31
(8.0)
0.157
(4.0)
0.33
(8.5)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
TSA***
3000
178
EIA RS-481
7.0(178)
www.spsemi.cn
Page 5 of 5
REV 2017 02 07
..
.


Número de pieza similar - TSA15U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TSA15 ETC1-TSA15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Dongguan Xinkang Electr...
TSA156 TNK-TSA156 Datasheet
113Kb / 1P
   VDSL Line Transformer Surface Mount Magnetics
logo
DONGGUAN YOU FENG WEI E...
TSA15L80 YFWDIODE-TSA15L80 Datasheet
688Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSA15P80 YFWDIODE-TSA15P80 Datasheet
686Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Descripción similar - TSA15U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
   240W Output Power
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
   240W Convection without FAN
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
   240W Exterior LED Driver
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
Inventronics Inc.
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
   240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
   240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
   240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
   240W Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com