Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSOP53233 Datasheet(PDF) 8 Page - Vishay Siliconix |
|
TSOP53233 Datasheet(HTML) 8 Page - Vishay Siliconix |
8 / 22 page SMD Tape and Reel www.vishay.com Vishay Semiconductors Rev. 2.2, 21-Feb-17 1 Document Number: 80125 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Tape and Reel Standards for Surface-Mount IR Receiver Modules Vishay Semiconductor surface-mount IR receivers are packaged on tape and reel. The following specification is based on IEC publication 286, which takes the industrial requirements for automatic insertion into account. Absolute maximum ratings, mechanical dimensions, optical and electrical characteristics for taped devices are identical to the basic catalog types and can be found in the specifications for untaped devices. PACKAGING The tapes of components are available on reels. Each reel is marked with labels which contain the following information: - Vishay - Type - Group - Tape code, normally part of type name - Production code - Quantity MISSING COMPONENTS Up to 3 consecutive components may be missing if the gap is followed by at least 6 components. A maximum of 0.5 % of the components per reel quantity may be missing. At least 5 empty positions are present at the start and the end of the tape to enable tape insertion. Tensile strength of the tape: > 15 N NUMBER OF COMPONENTS A. Panhead: quantity per reel: TT, top view package, 1190 pcs TR, side view package, 1120 pcs B. Heimdall: quantity per reel: TT, top view package, 2200 pcs TR, side view package, 2300 pcs C. Heimdall without lens: quantity per reel: WTT, top view package, 2200 pcs WTR, side view package, 2300 pcs D. Belobog: quantity per reel: TT1, top view package, 1800 pcs TT2, top view package, 7000 pcs E. Belobog with shield: quantity per reel: TT1, top view package, 1500 pcs TT2, top view package, 5000 pcs F. Minimold DF1P: quantity per reel: DF1P, 1100 pcs G. TVCastSMD TR: quantity per reel: TR, side view package, 2200 pcs ORDER DESIGNATION The type designation of the device is extended by TT or TT1 for top view or TR for side view. Example: TSOP6238TR (reel packing) TSOP75238TR (reel packing) TSOP75338WTT (reel packing) TSOP57438TT1 (reel packing) TSOP57238HTT1 (reel packing) TSOP39438TR (reel packing) |
Número de pieza similar - TSOP53233 |
|
Descripción similar - TSOP53233 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |