Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4833BDY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4833BDY
Descripción Electrónicos  P-Channel 30 V (D-S) MOSFET with Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4833BDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4833BDY Datasheet HTML 1Page - Vishay Siliconix SI4833BDY Datasheet HTML 2Page - Vishay Siliconix SI4833BDY Datasheet HTML 3Page - Vishay Siliconix SI4833BDY Datasheet HTML 4Page - Vishay Siliconix SI4833BDY Datasheet HTML 5Page - Vishay Siliconix SI4833BDY Datasheet HTML 6Page - Vishay Siliconix SI4833BDY Datasheet HTML 7Page - Vishay Siliconix SI4833BDY Datasheet HTML 8Page - Vishay Siliconix SI4833BDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si4833BDY
Document Number: 67537
S11-1649-Rev. B, 15-Aug-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 30 V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
LITTLE FOOT®
Plus Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Battery Management in Notebook PC
Non-synchronous Buck Converter in HDD
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on FR4 board.
c. t
 10 s.
d. Maximum under steady state conditions is 120 °C/W.
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
- 30
0.068 at VGS = - 10 V
- 4.6
4.6
0.110 at VGS = - 4.5 V
- 3.4
SCHOTTKY PRODUCT SUMMARY
VKA (V)
VF (V)
Diode Forward Voltage
ID (A)
a
30
0.44 V at 1 A
2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
- 30
V
Reverse Voltage (Schottky)
VKA
- 30
Gate-Source Voltage (MOSFET)
VGS
± 20
Continuous Drain Current (TJ = 150 °C) (MOSFET)
TC = 25 °C
ID
- 4.6
A
TC = 70 °C
- 3.6
TA = 25 °C
- 3.8b, c
TA = 70 °C
- 3b, c
Pulsed Drain Current (MOSFET) (t = 300 µs)
IDM
- 20
Continuous Source Current (MOSFET Diode Conduction)
TC = 25 °C
IS
- 2
TA = 25 °C
- 1.4b, c
Average Forward Current (Schottky)
IF
- 1.4b
Pulsed Forward Current (Schottky)
IFM
- 2
Maximum Power Dissipation (MOSFET and Schottky)
TC = 25 °C
PD
2.75
W
TC = 70 °C
1.75
TA = 25 °C
1.75b, c
TA = 70 °C
1.10b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
AK
A
K
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4833BDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
K
A
S
G
D
P-Channel MOSFET
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (MOSFET and Schottky)b, c, d
RthJA
60
71.5
°C/W
Maximum Junction-to-Foot (Drain) (MOSFET and Schottky)
RthJF
35
45


Número de pieza similar - SI4833BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
SI4833DY VISHAY-SI4833DY Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
SI4833DY VISHAY-SI4833DY Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
More results

Descripción similar - SI4833BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4831BDY VISHAY-SI4831BDY Datasheet
114Kb / 9P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Mar-09
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com