Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMH6624MA Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
LMH6624MA Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 20 page ±2.5V Electrical Characteristics (Continued) Unless otherwise specified, all limits guaranteed at T A = 25˚C, V + = 2.5V, V− = −2.5V, V CM = 0V, AV = +20, RF = 500 Ω,R L = 100 Ω. Boldface limits apply at the temperature extremes. See (Note 12). Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units Transfer Characteristics A VOL Large Signal Voltage Gain (LMH6624) R L = 100 Ω,V O = −1V to +1V 75 70 79 dB (LMH6626) R L = 100 Ω,V O = −1V to +1V 72 67 79 X t Crosstalk Rejection f = 1MHz (LMH6626) −75 dB Output Characteristics V O Output Swing R L = 100 Ω ±1.1 ±1.0 ±1.5 V No Load ±1.4 ±1.25 ±1.7 R O Output Impedance f ≤ 100KHz 10 m Ω I SC Output Short Circuit Current (LMH6624) Sourcing to Ground ∆V IN = 200mV (Note 3), (Note 11) 90 75 145 mA (LMH6624) Sinking to Ground ∆V IN = −200mV (Note 3), (Note 11) 90 75 145 (LMH6626) Sourcing to Ground ∆V IN = 200mV (Note 3),(Note 11) 60 50 120 (LMH6626) Sinking to Ground ∆V IN = −200mV (Note 3),(Note 11) 60 50 120 I OUT Output Current (LMH6624) Sourcing, V O = +0.8V Sinking, V O = −0.8V 100 mA (LMH6626) Sourcing, V O = +0.8V Sinking, V O = −0.8V 75 Power Supply PSRR Power Supply Rejection Ratio V S = ±2.0V to ±3.0V 82 80 90 dB I S Supply Current (per channel) No Load 11.4 16 18 mA ±6V Electrical Characteristics Unless otherwise specified, all limits guaranteed at T A = 25˚C, V + = 6V, V− = −6V, V CM = 0V, AV = +20, RF = 500 Ω,R L = 100 Ω. Boldface limits apply at the temperature extremes. See (Note 12). Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units Dynamic Performance f CL −3dB BW V O = 400mVPP (LMH6624) 95 MHz V O = 400mVPP (LMH6626) 85 SR Slew Rate (Note 8) V O =2VPP,AV = +20 (LMH6624) 350 V/µs V O =2VPP,AV = +20 (LMH6626) 320 V O =2VPP,AV = +10 (LMH6624) 400 V O =2VPP,AV = +10 (LMH6626) 360 t r Rise Time V O = 400mV Step, 10% to 90% 3.7 ns www.national.com 3 |
Número de pieza similar - LMH6624MA |
|
Descripción similar - LMH6624MA |