Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8067 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8067
Descripción Electrónicos  High Gain Bandwidth Product Precision Fast FET??Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8067 Datasheet HTML 3Page - Analog Devices AD8067 Datasheet HTML 4Page - Analog Devices AD8067 Datasheet HTML 5Page - Analog Devices AD8067 Datasheet HTML 6Page - Analog Devices AD8067 Datasheet HTML 7Page - Analog Devices AD8067 Datasheet HTML 8Page - Analog Devices AD8067 Datasheet HTML 9Page - Analog Devices AD8067 Datasheet HTML 10Page - Analog Devices AD8067 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8067
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation
See Figure 3
Common-Mode Input Voltage
VEE – 0.5 V to VCC + 0.5 V
Differential Input Voltage
1.8 V
Storage Temperature
–65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Maximum Power Dissipation
The associated raise in junction temperature (TJ) on the die limits
the maximum safe power dissipation in the AD8067 package. At
approximately 150°C, which is the glass transition temperature, the
plastic will change its properties. Even temporarily exceeding this
temperature limit may change the stresses that the package exerts
on the die, permanently shifting the parametric performance of the
AD8067. Exceeding a junction temperature of 175°C for an
extended period of time can result in changes in the silicon devices,
potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive. The quiescent power is the voltage
between the supply pins (VS) times the quiescent current (IS).
Assuming the load (RL) is referenced to midsupply, the total drive
power is VS/2 × IOUT, some of which is dissipated in the package
and some in the load (VOUT × IOUT). The difference between the
total drive power and the load power is the drive power dissipated
in the package. RMS output voltages should be considered.
()
Power
Load
Power
Drive
Total
Power
Quiescent
PD
+
=
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2


×
+
×
=
If RL is referenced to VS– as in single-supply operation, then the
total drive power is VS × IOUT.
If the RMS signal levels are indeterminate, then consider the worst
case, when VOUT = VS/4 for RL to midsupply:
() ()
L
S
S
S
D
R
/
V
I
V
P
2
4
+
×
=
In single-supply operation with RL referenced to VS–, worst case is
VOUT
= VS/2.
Airflow will increase heat dissipation effectively, reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes will
reduce the θJA.
Figure 3 shows the maximum safe power dissipation in the pack-
age versus ambient temperature for the SOT-23-5 (180°C/W)
package on a JEDEC standard 4-layer board. θJA
values are
approximations.
It should be noted that for every 10°C rise in temperature, IB
approximately doubles (See Figure 22).
–40
2.0
1.5
0.5
0
0
AMBIENT TEMPERATURE – °C
1.0
–30 –20 –10
80
10
20
30
40
50
60
70
SOT-23-5
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
Rev. 0 | Page 7 of 24


Número de pieza similar - AD8067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8067 AD-AD8067 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ART-REEL AD-AD8067ART-REEL Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ART-REEL7 AD-AD8067ART-REEL7 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ARTZ AD-AD8067ARTZ Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
More results

Descripción similar - AD8067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
   High Gain Fast FET Input Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com