Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N963C Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N963C
Descripción Electrónicos  METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N963C Datasheet(HTML) 1 Page - Microsemi Corporation

  1N963C Datasheet HTML 1Page - Microsemi Corporation 1N963C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
23
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500 mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage @ 200mA: 1.1volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C
JEDEC
NOMINAL
ZENER
MAX. DC
TYPE
ZENER
TEST
MAXIMUM ZENER IMPEDANCE
ZENER
MAX. REVERSE
NUMBER
VOLTAGE
CURRENT
CURRENT
LEAKAGE CURRENT
V
Z
1
ZT
(NOTE 3)
(NOTE 1)
(NOTE 2)
Z
ZT
@ 1
ZT
Z
ZK
@ 1
ZK
1
ZM
l
R
@ V
R
VOLTS
mA
OHMS
OHMS
mA
mA
µ A
VOLTS
1N957B
6.8
18.5
4.5
700
1.0
55
5
5.2
1N958B
7.5
16.5
5.5
700
.5
50
5
5.7
1N959B
8.2
15.0
6.5
700
.5
45
5
6.2
1N960B
9.1
14.0
7.5
700
.5
41
5
6.9
1N961B
10
12.5
8.5
700
.25
38
2
7.6
1N962B
11
11.5
9.5
700
.25
32
1
8.4
1N963B
12
10.5
11.5
700
.25
31
1
9.1
1N964B
13
9.5
13
700
.25
28
0.5
9.9
1N965B
15
8.5
16
700
.25
25
0.5
11
1N966B
16
7.8
17
700
.25
24
0.5
12
1N967B
18
7.0
21
750
.25
20
0.5
14
1N968B
20
6.2
25
750
.25
18
0.5
15
1N969B
22
5.6
29
750
.25
16
0.5
17
1N970B
24
5.2
33
750
.25
15
0.5
18
1N971B
27
4.6
41
750
.25
13
0.5
21
1N972B
30
4.2
49
1000
.25
12
0.5
23
1N973B
33
3.8
58
1000
.25
11
0.5
25
1N974B
36
3.4
70
1000
.25
10
0.5
27
1N975B
39
3.2
90
1000
.25
9.5
0.5
30
1N976B
43
3.0
93
1500
.25
8.8
0.5
33
1N977B
47
2.7
105
1500
.25
7.9
0.5
36
1N978B
51
2.5
125
1500
.25
7.4
0.5
39
1N979B
56
2.2
150
2000
.25
6.8
0.5
43
1N980B
62
2.0
185
2000
.25
6.0
0.5
47
1N981B
68
1.8
230
2000
.25
5.5
0.5
52
1N982B
75
1.7
270
2000
.25
5.0
0.5
56
1N983B
82
1.5
330
3000
.25
4.6
0.5
62
1N984B
91
1.4
400
3000
.25
4.1
0.5
69
1N985B
100
1.3
500
3000
.25
3.7
0.5
76
1N986B
110
1.1
750
4000
.25
3.3
0.5
84
NOTE 1
Zener voltage tolerance on "B"suffix is + 5%. Suffix letter A denotes +10%. No Suffix
denotes + 20% tolerance, "C" suffix denotes + 2% and "D" suffix denotes + 1%.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at
an ambient temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1
ZT
A 60Hz rms a.c. current
equal to 10% of 1
ZT
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250
°C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
• 1N962B-1 THRU 1N986B-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/117
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
1N957 thru 1N986B
and
1N962B-1 thru 1N986B-1


Número de pieza similar - 1N963C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N963C JGD-1N963C Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Leshan Radio Company
1N963C LRC-1N963C Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N963C MICROSEMI-1N963C Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results

Descripción similar - 1N963C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
1N4531UR MA-COM-1N4531UR Datasheet
456Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B_1 Datasheet
123Kb / 2P
   METALLURGICALLY BONDED
JAN1N485B MICROSEMI-JAN1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED
JANTX1N3595UR MICROSEMI-JANTX1N3595UR Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454 MA-COM-1N4454 Datasheet
550Kb / 3P
   Metallurgically Bonded
logo
Compensated Deuices Inc...
1N957 CDI-DIODE-1N957 Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454UR MA-COM-1N4454UR Datasheet
568Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
JANTXV1N3595UR-1 MICROSEMI-JANTXV1N3595UR-1 Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
JANTX1N485B MICROSEMI-JANTX1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED, HERMETICALLY SEALED
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com