Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMS5214IMG-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMS5214IMG-2.5
Descripción Electrónicos  80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5214IMG-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMS5214IMG-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LMS5214IMG-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Junction Temperature
150˚C
V
IN,VOUT,VEN
−0.3 TO 6.5V
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C (lead temp)
Operating Ratings
Supply Voltages
V
IN
2.5V to 6V
V
EN
0V to V
IN
Junction Temp. Range (Note 3)
−40˚C to +125˚C
Storage Temperature Range
−65˚C to 150˚C
Package Thermal Resistance
SC70-5
478˚C/W
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VIN =VOUT + 1V, IL = 1mA, CL = 0.47µF,
V
EN
≥ 2.0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
O
Output Voltage Accuracy
-3
-4
3
4
%
∆V
O/
∆T
Output Voltage Temp.
Coefficient
(Note 10)
50
200
ppm/˚C
∆V
O/VO
Line Regulation
V
IN =VOUT +1V to 6V
0.008
0.3
0.5
%
∆V
O/VO
Load Regulation
I
L = 0.1mA to 80mA (Note 6)
0.08
0.3
0.5
%
V
IN-VO
Dropout Voltage
(Note 7)
I
L = 100µA
2
mV
I
L = 20mA
70
150
I
L = 50mA
180
I
L = 80mA
300
500
I
Q
Quiescent Current
V
EN
≤ 0.4V (Shutdown)
10
100
nA
I
GND
Ground Pin Current
I
L = 100µA, VEN
≥ 2.0V (active)
70
µA
I
L = 20mA, VEN
≥ 2.0V (active)
80
135
I
L = 80mA, VEN
≥ 2.0V (active)
110
200
I
LIMIT
Current Limit
V
OUT = 0V
200
400
mA
∆V
O/
∆P
D
Thermal Regulation
(Note 9)
0.05
%W
Enable Input
V
IL
Enable Input Voltage Level
Logic Low (off)
0.6
V
V
IH
Logic High (on)
2.0
V
I
IL
Enable Input Current
V
IL
≤ 0.6V
0.01
1
µA
I
IH
V
IH
≥ 2.0V
0.01
5
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature
is PD =(TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are covered
by the thermal regulation specification.
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
Note 8: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load current
plus the ground pin current.
Note 9: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line regulation
effects. Specifications are for an 80mA load pulse at VIN = 6V for t = 16ms.
Note 10: Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
www.national.com
4


Número de pieza similar - LMS5214IMG-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-2.8 NSC-LMS5213IM7-2.8 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.0 NSC-LMS5213IM7-3.0 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.3 NSC-LMS5213IM7-3.3 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7X-2.8 NSC-LMS5213IM7X-2.8 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
More results

Descripción similar - LMS5214IMG-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com