Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADNV-6330 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ADNV-6330
Descripción Electrónicos  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNV-6330 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  ADNV-6330 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Kit Components
The designer’s kit contains components as follows:
www.chipcon.com
For distributor, rep and local sales office
info, please go to our web site.
Chipcon AS
Gaustadalléen 21
NO-0349 Oslo
NORWAY
Tel: +4 22 95 85 45
Email: support@chipcon.com
Ordering Information
For ordering information, please contact your local Avago Technologies sales representative.
Part Number
Description
Name
Quantity
ADNK-6033-CC24
Mouse Set
a. Wireless Laser Mouse
b. USB Dongle
Reference Design
Mouse Set
1
ADNS-6030
Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens Plate
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens Plate
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6330
Single Mode Vertical Cavity Surface Emitting Laser
VCSEL
5
CC2500
Chipcon 2.4GHz RF Transceiver
RF Transceiver
5
ADNK-6033-CC24
CD-ROM
Includes Documentation and Support Files for ADNK-6033-CC24
Documentations
a. ADNK-6033-CC24 Laser Mouse Designer’s Kit Product Overview
b. ADNK-6033-CC24 Laser Mouse Designer’s Kit Design Guide
c. ADNB-6031 and ADNB-6032 Low Power Laser Mouse Bundles Data Sheet
d. Avago Technologies ADNB-6031 and ADNB-6032 Laser Mouse Eye Safety
Calculation Application Note 5230
e. Chipcon CC2500 RF Transceiver Datasheet
Hardware Support Files
a. ADNK-6033-CC24 Schematic
b. ADNK-6033-CC24 BOM List
c. ADNK-6033-CC24 Gerber File
d. IGES Base Plate Feature File
Software Support Files
a. Microcontrollers Firmware
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved.
5989-3606EN -- May 16, 2006
Avago Technologies’Partner


Número de pieza similar - ADNV-6330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADNV-6330 HP-ADNV-6330 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNV-6330 AVAGO-ADNV-6330 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
65Kb / 1P
   Sample Kit
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
305Kb / 24P
   Design Guide
More results

Descripción similar - ADNV-6330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
ADNK-6033-CC24 BOARDCOM-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6033-ND24 AVAGO-ADNK-6033-ND24 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-7053-ND24 BOARDCOM-ADNK-7053-ND24 Datasheet
98Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-6033-ND24 BOARDCOM-ADNK-6033-ND24 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com