Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUD42D Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BUD42D
Descripción Electrónicos  High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD42D Datasheet(HTML) 2 Page - ON Semiconductor

  BUD42D Datasheet HTML 1Page - ON Semiconductor BUD42D Datasheet HTML 2Page - ON Semiconductor BUD42D Datasheet HTML 3Page - ON Semiconductor BUD42D Datasheet HTML 4Page - ON Semiconductor BUD42D Datasheet HTML 5Page - ON Semiconductor BUD42D Datasheet HTML 6Page - ON Semiconductor BUD42D Datasheet HTML 7Page - ON Semiconductor BUD42D Datasheet HTML 8Page - ON Semiconductor BUD42D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BUD42D
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
350
430
Vdc
Collector−Base Breakdown Voltage
(ICBO = 1 mA)
VCBO
650
780
Vdc
Emitter−Base Breakdown Voltage
(IEBO = 1 mA)
VEBO
9.0
12
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
@ TC = 25°C
@ TC = 125°C
ICEO
100
200
µAdc
Collector Cutoff Current
(VCE = Rated VCES, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICES
10
200
µAdc
Emitter−Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
VBE(sat)
0.85
1.2
Vdc
Collector−Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.5 Adc)
VCE(sat)
0.2
1.0
Vdc
DC Current Gain
(IC = 1 Adc, VCE = 2 Vdc)
(IC = 2 Adc, VCE = 5 Vdc)
hFE
8.0
10
13
12
DIODE CHARACTERISTICS
Forward Diode Voltage
(IEC = 1.0 Adc)
VEC
0.9
1.5
V
SWITCHING CHARACTERISTICS: Resistive Load (D.C.
≤ 10%, Pulse Width = 40 µs)
Turn−Off Time
(IC = 1.2 Adc, IB1 = 0.4 A, IB2 = 0.1 A, VCC = 300 V)
Toff
4.6
6.55
µs
Fall Time
(IC = 2.5 Adc, IB1 = IB2 = 0.5 A, VCC = 150 V, VBE = −2 V)
Tf
0.8
µs
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
IC = 400 mA
IB1 =40mA
@ 1
µs
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
2.8
3.2
V
Dynamic Saturation
Voltage:
Determined 1
µs and
IB1 = 40 mA
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
0.75
1.3
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 1 A
IB1 = 200 mA
@ 1
µs
@ TC = 25°C
@ TC = 125°C
2.1
4.7
90% of final IB1
IB1 = 200 mA
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
0.35
0.6


Número de pieza similar - BUD42D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Descripción similar - BUD42D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL642D2 ONSEMI-BUL642D2 Datasheet
101Kb / 8P
   High Speed, High Gain Bipolar NPN Transistor with Integrated Collector?묮mitter and Built?뭝n Efficient Antisaturation Network
August, 2005 ??Rev. 1
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
IXYS Corporation
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH24N170 IXYS-IXBH24N170 Datasheet
181Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBN42N170A IXYS-IXBN42N170A Datasheet
206Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com