Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5362B Datasheet(PDF) 6 Page - ON Semiconductor |
|
1N5362B Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 7 page 1N53 Series http://onsemi.com 6 100 10 1 0.1 80 100 120 140 160 180 200 220 VZ, ZENER VOLTAGE (VOLTS) Figure 9. Zener Voltage versus Zener Current VZ = 82 thru 200 Volts APPLICATION NOTE Since the actual voltage available from a given Zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, TL, should be determined from: TL = qLA PD + TA qLA is the lead-to-ambient thermal resistance and PD is the power dissipation. Junction Temperature, TJ, may be found from: TJ = TL + DTJL DTJL is the increase in junction temperature above the lead temperature and may be found from Figure 4 for a train of power pulses or from Figure 1 for dc power. DTJL = qJL PD For worst-case design, using expected limits of IZ, limits of PD and the extremes of TJ (DTJ) may be estimated. Changes in voltage, VZ, can then be found from: DV = qVZ DTJ qVZ, the Zener voltage temperature coefficient, is found from Figures 2 and 3. Under high power-pulse operation, the Zener voltage will vary with time and may also be affected significantly by the zener resistance. For best regulation, keep current excursions as low as possible. Data of Figure 4 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure 5 be exceeded. |
Número de pieza similar - 1N5362B |
|
Descripción similar - 1N5362B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |