Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14557BFELG Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC14557BFELG
Descripción Electrónicos  1-to-64 Bit Variable Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14557BFELG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14557BFELG Datasheet HTML 1Page - ON Semiconductor MC14557BFELG Datasheet HTML 2Page - ON Semiconductor MC14557BFELG Datasheet HTML 3Page - ON Semiconductor MC14557BFELG Datasheet HTML 4Page - ON Semiconductor MC14557BFELG Datasheet HTML 5Page - ON Semiconductor MC14557BFELG Datasheet HTML 6Page - ON Semiconductor MC14557BFELG Datasheet HTML 7Page - ON Semiconductor MC14557BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14557B
http://onsemi.com
5
SWITCHING CHARACTERISTICS (Note 6) (CL = 50 pF, TA = 25°C)
Symbol
Characteristic
VDD
Min
Typ
(Note 7)
Max
Unit
tTLH,
tTHL
Rise and Fall Time, Q or Q Output
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
5
10
15
100
50
40
200
100
80
ns
tPLH,
tPHL
Propagation Delay, Clock or CE to Q or Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
5
10
15
300
130
90
600
260
180
ns
tPLH,
tPHL
Propagation Delay, Reset to Q or Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 70 ns
5
10
15
300
130
95
600
260
190
ns
tWH(cl)
Pulse Width, Clock
5
10
15
200
100
75
95
45
35
ns
tWH(rst)
Pulse Width, Reset
5
10
15
300
140
100
150
70
50
ns
fcl
Clock Frequency (50% Duty Cycle)
5
10
15
3.0
7.5
13.0
1.7
5.0
6.7
MHz
tsu
Setup Time, A or B to Clock or CE
Worst case condition: L1 = L2 = L4 = L8 =
L16 = L32 = VSS (Register Length = 1)
5
10
15
700
290
145
350
130
85
ns
Best case condition: L32 = VDD, L1 through L16 =
Don’t Care (Any register length from 33 to 64)
5
10
15
400
165
60
45
5
0
th
Hold Time, Clock or CE to A or B
Best case condition: L1 = L2 = L4 = L8 = L16 =
L32 = VSS (Register Length = 1)
5
10
15
200
100
10
–150
–60
–50
ns
Worst case condition: L32 = VDD, L1 through L16 =
Don’t Care (Any register length from 33 to 64)
5
10
15
400
185
85
50
25
22
tr,
tf
Rise and Fall Time, Clock
5
10
15
No Limit
tr,
tf
Rise and Fall Time, Reset or CE
5
10
15
15
5
4
ms
trem
Removal Time, Reset to Clock or CE
5
10
15
160
80
70
80
40
35
ns
6. The formulas given are for the typical characteristics only at 25°C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Número de pieza similar - MC14557BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14557BFEL ONSEMI-MC14557BFEL Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
MC14557BFEL ONSEMI-MC14557BFEL Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
More results

Descripción similar - MC14557BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com