Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37C93XAPM Datasheet(PDF) 8 Page - SMSC Corporation

No. de pieza FDC37C93XAPM
Descripción Electrónicos  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 8 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 4Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 5Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 6Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 7Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 8Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 10Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 11Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 280 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
154
Data Carrier Detect 2 (Note 4)
nDCD2
I
153
Ring Indicator 2 (Note 4)
nRI2
I
IDE1 INTERFACE
23
IDE1 Enable (Note 4)
nIDE1_OE
O4
24
IDE1 Chip Select 0 (Note 4)
nHDCS0
O24
25
IDE1 Chip Select 1 (Note 4)
nHDCS1
O24
30
IOR Output (Note 4)
nIOROP
O24
31
IOW Output (Note 4)
nIOWOP
O24
26
IDE1 Interrupt Request (Note 4)
IDE1_IRQ
I
IDE2 INTERFACE
27
IDE2 Chip Select 2/SA13 (Note 3, 4)
nHDCS2
I/O24
28
IDE2 Chip Select 3/SA14 (Note 3, 4)
nHDCS3
I/O24
29
IDE2 Interrupt Request/SA15 (Note 4)
IDE2_IRQ
I
PARALLEL PORT INTERFACE
138:131
Parallel Port Data Bus
PD[0:7]
I/O24
140
Printer Select
nSLCTIN
OD24/O24
141
Initiate Output
nINIT
OD24/O24
143
Auto Line Feed
nALF
OD24/O24
144
Strobe Signal
nSTB
OD24/O24
128
Busy Signal
BUSY
I
129
Acknowledge Handshake
nACK
I
127
Paper End
PE
I
126
Printer Selected
SLCT
I
142
Error at Printer
nERROR
I
REAL-TIME CLOCK
122
32 Khz Crystal Input
XTAL1
ICLK2
124
32 Khz Crystal Output
XTAL2
OCLK2
121
Battery Voltage
Vbat
KEYBOARD/MOUSE
91
Keyboard Data
KDAT
I/OD16P


Número de pieza similar - FDC37C93XAPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
More results

Descripción similar - FDC37C93XAPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
   Plug and Play Compatible Ultra I/O Controller with Fast IR
logo
List of Unclassifed Man...
M5123 ETC1-M5123 Datasheet
499Kb / 121P
   Mega I/O Controller with Plug & Play
logo
National Semiconductor ...
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
   SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
logo
SMSC Corporation
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
   Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com