Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAQ7988 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADAQ7988
Descripción Electrónicos  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADAQ7988 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAQ7988 Datasheet HTML 7Page - Analog Devices ADAQ7988 Datasheet HTML 8Page - Analog Devices ADAQ7988 Datasheet HTML 9Page - Analog Devices ADAQ7988 Datasheet HTML 10Page - Analog Devices ADAQ7988 Datasheet HTML 11Page - Analog Devices ADAQ7988 Datasheet HTML 12Page - Analog Devices ADAQ7988 Datasheet HTML 13Page - Analog Devices ADAQ7988 Datasheet HTML 14Page - Analog Devices ADAQ7988 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 11 of 49
TIMING SPECIFICATIONS
VDD = 3.5 V to 10 V, VIO = 1.7 V to 5.5 V, and TA = −55°C to +125°C, unless otherwise noted In addition to Figure 2 and Figure 3, see
Figure 72, Figure 74, Figure 76, Figure 78, Figure 80, and Figure 82 for the additional timing diagrams detailed in Table 6.
Table 6.
Parameter
Symbol
Min
Typ
Max
Unit
CONVERSION TIME: CNV RISING EDGE TO DATA AVAILABLE
tCONV
VIO Above 3.0 V (ADAQ7980)
500
710
ns
VIO Above 1.7 V (ADAQ7980)
500
800
ns
ADAQ7988
500
1200
ns
ACQUISITION PHASE1
tACQ
ns
ADAQ7980
290
ns
ADAQ7988
800
ns
TIME BETWEEN CONVERSIONS
tCYC
VIO Above 3.0 V (ADAQ7980)
1000
ns
VIO Above 1.7 V (ADAQ7980)
1200
ns
VIO Above 1.7 V (ADAQ7988)
2000
ns
CS MODE
CNV Pulse Width
tCNVH
10
ns
SCK Period
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3.0 V
12
ns
VIO Above 1.7 V
22
ns
CNV or SDI Low to SDO D15 MSB Valid
tEN
VIO Above 3.0 V
10
ns
VIO Above 1.7 V
40
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance
tDIS
20
ns
SDI Valid Hold Time from CNV Rising Edge
tHSDICNV
VIO Above 3.0 V
2
ns
VIO Above 1.7 V
10
ns
CHAIN MODE
SCK Period
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3.0 V
13
ns
VIO Above 1.7 V
23
ns
SDI Valid Hold Time from CNV Rising Edge
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge
tHSDISCK
3
ns
SDI High to SDO High (with Busy Indicator)
tDSDOSDI
VIO Above 3.0 V
15
ns
VIO Above 1.7 V
22
ns
SCK
Low Time
tSCKL
VIO Above 3.0 V
4.5
ns
VIO Above 1.7 V
6
ns
High Time
tSCKH
VIO Above 3.0 V
4.5
ns
VIO Above 1.7 V
6
ns


Número de pieza similar - ADAQ7988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAQ7988 AD-ADAQ7988 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ7988 AD-ADAQ7988 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results

Descripción similar - ADAQ7988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
Analog Devices
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
   Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
USB-2600 ETC-USB-2600 Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
logo
Analog Devices
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
   18-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com