Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAQ7980BCCZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADAQ7980BCCZ
Descripción Electrónicos  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980BCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADAQ7980BCCZ Datasheet HTML 1Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 2Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 3Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 4Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 5Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 6Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 7Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 8Page - Analog Devices ADAQ7980BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 5 of 49
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Current
Low (IIL)
−1
+1
µA
High (IIH)
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 16 bits, straight binary
Pipeline Delay
Conversion results available
immediately after completed
conversion
VOL
ISINK = 500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER-DOWN SIGNALING
ADC Driver/REF Buffer
PD_AMP, PD_REF Voltage
Low
Powered down
<2.2
V
High
Enabled
>2.6
V
Turn-Off Time
50% of PD_AMP, PD_REF to <10% of
enabled quiescent current
1.25
2.75
µs
Turn-On Time
Specified performance
2
7.25
µs
Dynamic Power Scaling Period
Specified performance
10
µs
Low Dropout (LDO) Regulator
PD_LDO Voltage
Low
Powered down
1.06
1.12
1.18
V
High
Enabled
1.15
1.22
1.30
V
PD_LDO Logic Hysteresis
100
mV
Turn-Off Time
2.2 µF capacitive load
460
650
µs
Turn-On Time
370
425
µs
POWER REQUIREMENTS
VDD
3.5
5
10
V
LDO Voltage Accuracy
ILDO_OUT = 10 mA, TA = 25°C
−0.8
+0.8
%
100 µA < ILDO_OUT < 100 mA,
VDD = 3.5 V to 10 V
−1.8
+1.8
%
LDO Line Regulation
VDD = 3.5 V to 10 V
−0.015
+0.015
%/V
LDO Load Regulation
ILDO_OUT = 100 µA to 100 mA
0.002
0.004
%/mA
LDO Start-Up Time
VLDO_OUT = 2.5 V
380
µs
LDO Current-Limit Threshold
250
360
460
mA
LDO Thermal Shutdown
Threshold
TJ rising
150
°C
Hysteresis
15
°C
LDO Dropout Voltage
ILDO_OUT = 10 mA
30
60
mV
ILDO_OUT = 100 mA
200
420
mV
V+
3.7
7
V− + 10
V
V−
V+ − 10
−2
+0.1
V
VIO
1.7
5.5
V
Total Standby Current1, 2
Static, all devices enabled
1.2
1.7
mA
ADC driver, REF buffer disable
56
103
µA
ADC driver, REF buffer, LDO disable
14
23
µA
ADAQ7980 Current Draw
1 MSPS
VIO
0.3
0.34
mA
V+/V−
1.5
2.0
mA
VDD
1.45
1.6
mA


Número de pieza similar - ADAQ7980BCCZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ7980 AD-ADAQ7980 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results

Descripción similar - ADAQ7980BCCZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
Analog Devices
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
   Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
USB-2600 ETC-USB-2600 Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
logo
Analog Devices
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
   18-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com