Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK5720 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

No. de pieza AK5720
Descripción Electrónicos  96kHz 24-Bit ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5720 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK5720 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 16Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 17Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
[AK5720]
MS1641-E-02
2014/12
- 14 -
LRCK
BICK
SDTO
tBSD
tMBLR
50%VD
50%VD
50%VD
Figure 5. Audio Interface Timing (Normal mode & Master mode)
LRCK
BICK
SDTO
tBSH
tMBLR
50%VD
50%VD
50%VD
TDMI
tSDH
tSDS
VIH
VIL
tBSS
Figure 6. Audio Interface Timing (TDM mode & Master mode)


Número de pieza similar - AK5720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HuaXinAn Electronics CO...
AK5720VT HUAXINAN-AK5720VT Datasheet
1Mb / 25P
   ADC
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
More results

Descripción similar - AK5720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
   107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
logo
Asahi Kasei Microsystem...
AK5365 AKM-AK5365 Datasheet
286Kb / 41P
   24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com