Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KTD101B686M99A0B00 Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
KTD101B686M99A0B00 Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 3 page DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS ◆ RATINGS -55 to +125℃ 1. Category Temperature Range 25, 50, 100, 250 Vdc 2. Rated Voltage Range 0.1 to 470µF 3. Rated Capacitance Range M(±20%) 4. Rated Capacitance Tolerance 5. Temperature Characteristics 6. Rated Ripple Current X7R See No.5 on the following table ◆ SPECIFICATIONS Between Terminals 250% of rated voltage shall be applied for 5 seconds. No abnormality. dc products : 475V) (Only 250Vdc products : 475V) Withstand Voltage 1 Terminals to Coating Resin 3 Rated Capacitance Within specified tolerance. 2 Insulation Resistance 100/CR(MΩ) or 4000(MΩ) whichever is less. Rated voltage shall be applied for 60±5 seconds at temperature 25±2℃. Test Condition Specification Items No. 4 Dissipation Factor 5.0% maximum. Temperature Frequency Voltage 1±0.1kHz 1±0.2Vrms 25±2℃ 120±12Hz 0.5±0.2Vrms CR≦10µF CR >10µF ◆ FEATURES 1. Small in size and wide capacitance range. Max. 470µF is available. 2. Temperature characteristic is X7R in EIA code. 3. Superior humidity characteristic and long life. 4. Excellent high frequency characteristic due to low ESR. 5. High rated ripple current. 6. 250Vdc items are available. 7. Resin(UL94 V-0) used for coating. 8. Pb-free design(also ceramic dielectric) ◆ APPLICATIONS 1. Smoothing circuit of switching mode AC-DC or DC-DC converter. 2. Noise suppressor for various kinds of equipments. 3. By-pass or decoupling circuits. 4. Automotive equipments. ◆ CONSTRUCTION Coating Resin Ceramic Dielectric Termination Solder (Pb-free) Internal Electrode Lead Wire RoHS Compliant NTD Series As customer requirement, Chemi-Con has submits the test results according to AEC-Q200 for Multilayer ceramic capacitors. Please contact us for more information. Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. 23 CAT. No. E1002V |
Número de pieza similar - KTD101B686M99A0B00 |
|
Descripción similar - KTD101B686M99A0B00 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |