Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD6100 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza MMBD6100
Descripción Electrónicos  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD6100 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD6100 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD6100 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD6100 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface mount switching diode
MMBD6100
C134
www.gmicroelec.com
Rev.A
1
FEATURES
High conductance.
Fast switching.
Surface mount package ideally suited for
automatic insertion.
APPLICATIONS
For general purpose and switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD6100
T4
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Continuous Reverse Voltage
VR
70
V
Average rectified output current
IO
200
mA
Peak suge forward Current,
t<1.0μs
IFSM
2.0
A
Power Dissipation
Pd
350
mW
Typical Thermal Resistance,Junction to Ambient
RθJA
357
/W
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
70
V
IR= 100μA
Forward Voltage
VF
0.55
0.85
0.7
1.1
V
IF=1mA
IF=100mA
Reverse Leakage Current
IR
0.1
μA
VR=50V
Junction Capacitance
Cj
2.5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=IR=10mA,
IRR=0.1*IR RL=100Ω
Pb
Lead-free


Número de pieza similar - MMBD6100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
MMBD6100 ZOWIE-MMBD6100 Datasheet
49Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6100 MCC-MMBD6100 Datasheet
290Kb / 2P
   Monolithic Dual Switching Diode
logo
Won-Top Electronics
MMBD6100 WTE-MMBD6100 Datasheet
40Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
MMBD6100 PANJIT-MMBD6100 Datasheet
502Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
MMBD6100 BILIN-MMBD6100 Datasheet
132Kb / 2P
   Surface mount switching diode
More results

Descripción similar - MMBD6100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com