Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-788J-500E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-788J-500E
Descripción Electrónicos  Isolation Amplifier with Short Circuit and Overload Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-788J-500E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-788J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Ordering Information
HCPL-788J is UL Recognized with 5000 Vrms for 1 minute per UL1577.
Part
Number
Option
Package
Surface
Mount
Tape
& Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS
Compliant
non RoHS
Compliant
HCPL-788J
-000E
no option
SO-16
X
X
45 per tube
-500E
#500
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-788J-500E to order product of 16-Lead Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval and RoHS compliant.
Example 2:
HCPL-788J to order product of 16-Lead Surface Mount package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’
Package Outline Drawings
16-Lead Surface Mount
9
7.493 ± 0.254
(0.295 ± 0.010)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
0.457
(0.018)
3.505 ± 0.127
(0.138 ± 0.005)
10.312 ± 0.254
(0.406 ± 0.10)
10.363 ± 0.254
(0.408 ± 0.010)
0.64 (0.025) MIN.
0.203 ± 0.076
(0.008 ± 0.003)
STANDOFF
8.763 ± 0.254
(0.345 ± 0.010)
0-8°
0.457
(0.018)
1.270
(0.050)
A XXXX
YYWW
TYPE NUMBER
DATE CODE
11.63 (0.458)
2.16 (0.085)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
EEE
LOT ID
AVAGO
LEAD-FREE
Dimensions in Millimeters (Inches)
Floating lead protrusion is 0.25 mm (10 mils) Max.
Note: Initial and continued variation in color of the white mold compound is normal and does not aect performance or reliability of the device
ALL LEADS TO
BE COPLANAR
± 0.05 (0.002)
PIN 1 DOT


Número de pieza similar - HCPL-788J-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
231Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
More results

Descripción similar - HCPL-788J-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J AVAGO-HCPL-788J Datasheet
231Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com