Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADNS-4000 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ADNS-4000
Descripción Electrónicos  Low Power Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-4000 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-4000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-4000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
C
Operating Temperature
TA
-15
55
C
Lead Solder Temperature
260
C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
-0.5
3.7
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
VDD + 0.5
V
All I/O pins
Output Current
Iout
7
mA
MISO pin
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
040
C
Power Supply Voltage
VDD
2.8
3.0
V
Power Supply Rise Time
TRT
0.005
100
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10kHz –50MHz
Serial Port Clock
Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Refer-
ence Plane to Tracking
Surface (Z)
Z
2.3
2.4
2.5
mm
Speed
S
0
30
ips
At default frame rate
Acceleration
a
8
G
At run mode
Load Capacitance
Cout
100
pF
MISO
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table
below. Assumption: base plate construction is as per the
Avago Technologies supplied IGES file and ADNS-5110-
001 lens. Note that the lens material is polycarbonate or
polystyrene HH30. Therefore, cyanoacrylate based adhe-
sives or other adhesives that may damage the lens should
NOT be used.
Typical Distance (mm)
ADNS-5110-001
Creepage
15.43
Clearance
7.77
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable and
following Avago Technologies recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and
following Avago Technologies recommendations.
 UL flammability level UL94 HB.


Número de pieza similar - ADNS-4000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
Analog Devices
ADNS-2030 AD-ADNS-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2030 AVAGO-ADNS-2030 Datasheet
566Kb / 34P
   Precise optical navigation technology
logo
Broadcom Corporation.
ADNS-2030 BOARDCOM-ADNS-2030 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
logo
Agilent(Hewlett-Packard...
ADNS-2051 HP-ADNS-2051 Datasheet
454Kb / 40P
   Optical Mouse Sensor
More results

Descripción similar - ADNS-4000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
ATMEL Corporation
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
logo
Maxim Integrated Produc...
MAX17017 MAXIM-MAX17017 Datasheet
786Kb / 31P
   Quad-Output Controller for Low-Power Architecture
Rev 2; 6/09
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3000 AVAGO-ADNS-3000 Datasheet
305Kb / 30P
   Low Power Optical Mouse Sensor Small Form Factor Low Power Architecture
logo
ATMEL Corporation
AT90S8515 ATMEL-AT90S8515_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2313 ATMEL-AT90S2313_14 Datasheet
1Mb / 92P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com