Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-3366 Datasheet(Hoja de datos) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de Pieza. HLMP-3366
Descripción  T-13/4 (5 mm) Low Profile LED Lamps
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo 

   
 3 page
background image
3
Figure 1. Relative intensity vs. wavelength.
1.0
0.5
GREEN
TA = 25°C
RED
YELLOW
500
550
600
650
700
750
WAVELENGTH – nm
HIGH
EFFICIENCY
RED
Absolute Maximum Ratings at TA = 25°C
Parameter
3350 Series
3450 Series
3550 Series
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
V
Transient Forward Current[4] (10
μs Pulse)
500
500
500
mA
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
Wave Soldering Temperature
[1.59 mm (0.063 in.) from Body]
250°C for 3 seconds
Solder Dipping Temperature
[1.59 mm (0.063 in.) from Body]
260°C for 5 seconds
Notes:
1. See Figure 10 (High Efficiency Red), 15 (Yellow), or 20 (Green) to establish pulsed operating conditions.
2. For High Efficiency Red and Green Series, derate linearly from 50°C at 0.5 mA/°C. For Red and Yellow Series, derate linearly from 50°C at
0.2 mA/°C.
3. For High Efficiency Red and Green Series, derate power linearly from 25°C at 1.8 mW/°C. For Red and Yellow Series, derate power linearly from 50°C
at 1.6 mW/°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl