Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-AL71 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-AL71
Descripción Electrónicos  5 mm Mini Oval Red and Amber LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AL71 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AL71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical / Optical Characteristics (TJ = 25° C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red & Amber
VF
1.8
2.1
2.4
V
IF = 20 mA
Reverse Voltage [3]
Red & Amber
VR
5
V
IR = 100 μA
Dominant Wavelength [1]
Red
Amber
ld
618.0
584.5
626.0
590.0
630.0
594.5
nm
IF = 20 mA
Peak Wavelength
Red
Amber
lPEAK
634
594
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal resistance
RqJ-PIN
240
°C/W
LED Junction-to pin
Luminous Efficacy [2]
Red
Amber
ηv
190
490
lm/W
Emitted Luminous Power/
Emitted Radiant Power
Thermal coefficient of ld
Red
Amber
0.05
0.09
nm/°C
IF = 20 mA;
+25° C ≤ TJ ≤ +100° C
Notes:
1. The dominant wavelength is derived from the Chromaticity Diagram and represents the color of the lamp.
2. The radiant intensity, Ie in watts per steradian, maybe found from the equation Ie = Iv / ηV where Iv is the luminous intensity in candela and ηV is
the luminous efficacy in lumens/ watt.
3. Indicates product final testing condition, long term reverse bias is not recommended.
Absolute Maximum Ratings (TJ = 25° C)
Parameter
Red/ Amber
Unit
DC Forward Current [1]
50
mA
Peak Forward Current
100 [2]
mA
Power Dissipation
120
mW
LED Junction Temperature
130
°C
Operating Temperature Range
-40 to +100
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty Factor 30%, frequency 1 kHz.


Número de pieza similar - HLMP-AL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-AL01-L0R00 HP-HLMP-AL01-L0R00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RDD HP-HLMP-AL01-L0RDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RYY HP-HLMP-AL01-L0RYY Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0T00 HP-HLMP-AL01-L0T00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0TDD HP-HLMP-AL01-L0TDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
More results

Descripción similar - HLMP-AL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com