Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAB.954 Datasheet(PDF) 4 Page - Taoglas antenna solutions

No. de pieza CAB.954
Descripción Electrónicos  Taoglas Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOGLAS [Taoglas antenna solutions]
Página de inicio  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.954 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  CAB.954 Datasheet HTML 1Page - Taoglas antenna solutions CAB.954 Datasheet HTML 2Page - Taoglas antenna solutions CAB.954 Datasheet HTML 3Page - Taoglas antenna solutions CAB.954 Datasheet HTML 4Page - Taoglas antenna solutions CAB.954 Datasheet HTML 5Page - Taoglas antenna solutions CAB.954 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPE-13-8-081/B/WY |
page 4 of 6
2.3 Electrical & Physical Specification
Specification
Item
30 AWG
Rating Temp Voltage
105°C 30V UL 1979
Insulation Resistance
3000 MEGA OHM-KM Min.
Conductor Resistance
335 OHM/KM/20°C Max.
Dielectric Strength
AC 1.0 KV/minute
Spark test
2.5 KV
Insulation
Unaged
Tensile Strength
2500 PSI Min. (1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75% (168HRS*232°C)
Elongation
Unaged Min 75% (168HRS*232°C)
Jacket
Unaged
Tensile Strength
2500 PSI Min. (1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75% (168HRS*232°C)
Elongation
Unaged Min 75% (168HRS*232°C)
Nom. Impedance
50 ± 3 Ohms
Nom. Capacitance
96 ± 3 pF/m
Nom. Vel. Of Prop.
69%
VSWR (0-6GHz)
Max 1.3
Flame Test
VW-1 OK
Thermal Shock
Less 1mm at 232°C/1 HR
Bend Radius
9mm min.
Attenuation (dB/1M)
2.0GHz
2.20
2.4GHz
2.60
3.0GHz
2.80
4.0GHz
3.40
5.0GHz
3.80
6.0GHz
4.30


Número de pieza similar - CAB.954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
CAB.951 TAOGLAS-CAB.951 Datasheet
198Kb / 5P
   Taoglas Cable Assembly
CAB.952 TAOGLAS-CAB.952 Datasheet
184Kb / 5P
   Taoglas Cable Assembly
CAB.953 TAOGLAS-CAB.953 Datasheet
187Kb / 6P
   Taoglas Low Loss Cable Assembly
CAB.956 TAOGLAS-CAB.956 Datasheet
357Kb / 5P
   taoglas cable assembly
More results

Descripción similar - CAB.954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
CAB.V08 TAOGLAS-CAB.V08_18 Datasheet
383Kb / 5P
   Taoglas Cable Assembly
CAB.V12 TAOGLAS-CAB.V12 Datasheet
338Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09 Datasheet
1Mb / 5P
   taoglas cable assembly
CAB.W10 TAOGLAS-CAB.W10 Datasheet
269Kb / 5P
   taoglas cable assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com