Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2512LQX1065 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMX2512LQX1065
Descripción Electrónicos  PLLatinum??Frequency Synthesizer System with Integrated VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2512LQX1065 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2512LQX1065 Datasheet HTML 6Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 7Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 8Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 9Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 10Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 11Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 12Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 13Page - National Semiconductor (TI) LMX2512LQX1065 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Programming Description
GENERAL PROGRAMMING INFORMATION
The serial interface has a 24-bit shift register to store the incoming data bits temporarily. The incoming data is loaded into the shift
register from MSB to LSB. The data is shifted at the rising edge of the clock signal. When the latch enable signal transitions from
LOW to HIGH, the data stored in the shift register is transferred to the proper register depending on the address bit settings. The
selection of the particular register is determined by the address bits equal to the binary representation of the number of the control
register.
At initial start-up, the MICROWIRE loading requires 4 default words (registers R3, loaded first, to R0, loaded last). After the device
has been initially programmed, the RF VCO frequency can be changed using a single register (R0). If an IF frequency other than
the default value for the device is desired the SPI_DEF bit should be set to 0, the desired values for IF_A, IF_B, and IF_R entered
and words R6 to R0 should be sent.
The control register content map describes how the bits within each control register are allocated to the specific control functions.
COMPLETE REGISTER MAP
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20 19
18 17 16 15 14 13 12
11
10 9 8 7 6 5
4
3
2
1 0
R0
(Default)
SPI_
DEF
RF_
SEL
RF_
LD
0
RF_B
[3:0]
RF_A
[2:0]
RF_FN
[10:0]
00
R1
(Default)
IF_
FREQ
[1:0]
OSC_
FREQ
10
000000
SPUR_
RDT
[1:0]
0
0 1 0 1 OB_
CRL
[1:0]
RF_
EN
IF_
EN
01
R2
(Default)
IF_
CUR[1:0]
0
0
1
0
011101
1
0
1 0 1 0 0
0
1
0
10
R3
(Default)
BW_
DUR
[1:0]
BW_
CRL
[1:0]
BW_
EN
1011110
1
0
0 0 1 1 0
VCO_
CUR
[1:0]
01 1
R4
0
0
0
1
0
0
0
IF_A
[3:0]
IF_B
[8:0]
01
1 1
R5
0
0
1
1
0
0
0010
IF_R
[8:0]
01
1
1 1
R6
1
0
0
0
0
0
000000
0
0
0 0 0 0 011
1
1 1
NOTE: Bold numbers represent the address bits.
www.national.com
10


Número de pieza similar - LMX2512LQX1065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2512LQ0967/NOPB TI1-LMX2512LQ0967/NOPB Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
More results

Descripción similar - LMX2512LQX1065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com